Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAS6329 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
Data Transfer Format
Master transmits data to salve ( write cycle )
S : Start.
A : Acknowledge by salve.
P : Stop.
RW : The LSB of 1ST byte to decide whether current cycle is read or write cycle. RW = 1 –
Read cycle, RW = 0 – Write cycle.
SUBADDRESS : The address values of PAS6329 internal control registers. ( Please refer to
PAS6329 register description )
During write cycle, the master generates start condition and then places the 1st byte data that are
combined slave address ( 7 bits ) with a read / write control bit to SDA line. After slave ( PAS6329 )
issues acknowledgment, the master places 2nd byte ( Sub Address ) data on SDA line. Again follow the
PAS6329 acknowledgment, the master places the 8 bits data on SDA line and transmit to PAS6329
control register ( address was assigned by 2nd byte ). After PAS6329 issues acknowledgment, the master
can generate a stop condition to end of this write cycle. In the condition of multi-byte write, the PAS6329
sub-address is automatically increment after each DATA byte transferred. The data and A cycles is repeat
until last byte write. Every control registers value inside PAS6329 can be programming via this way.
Slave transmits data to master ( read cycle )
The sub-address was taken from previous write cycle.
The sub-address is automatically increment after each byte read.
Am : Acknowledge by master.
Note there is no acknowledgment from master after last byte read.
During read cycle, the master generates start condition and then place the 1st byte data that are combined
slave address ( 7 bits ) with a read / write control bit to SDA line. After issue acknowledgment, 8 bits
DATA was also placed on SDA line by PAS6329. The 8 bits data was read from PAS6329 internal control
register that address was assigned by previous write cycle. Follow the master acknowledgment, the
PAS6329 place the next 8 bits data ( address is increment automatically ) on SDA line and then transmit
to master serially. The DATA and Am cycles is repeat until the last byte read. After last byte read, Am is
no longer generated by master but instead by keep SDA line high. The slave ( PAS6329 ) must releases
SDA line to master to generate STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com