Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
0
3F
63
R_AE_HIST_Step_V[4:0]
[4:0]
0x0C
Distance of two vertical AE histgram sample points
0
40
64
R_AE_HIST_HStart[7:0]
[7:0]
0x58
Horizontal start point location of AE histgram sample points
0
41
65
R_AE_HIST_VStart[7:0]
[7:0]
0x44
Vertical start point location of AE histgram sample points
R_AE_HIST_LCS_OFFSET[2:0]
[7:5]
0x02
Reserved
0
42
66
R_AE_HIST_PCS_OFFSET[4:0]
[4:0]
0x01
Reserved
R_AE_LumaEstimation_mode
[4]
0x00
0= histogram based, 1=block-based
0
43
67
R_AE_Hist2Avg_POWER_SEL
[0]
0x00
0=8, 1=9
R_AG_delay_EnH
[0]
AG gain delay for one frame
R_DG_delay_EnH
[1]
AG DGn delay for one frame
0
46
70
R_AWB_DGn_delay_EnH
[4]
0x10
AWB gain delay for one frame
R_AWB_ShowActivePix
[7]
AWB test mode to show active region
R_AWB_CountThd
[6:4]
AWB pixel in region count threshold
0: 0;
1: AWB_Window_PixCnt>>8;
2: AWB_Window_PixCnt>>7;
3: AWB_Window_PixCnt>>6;
4: AWB_Window_PixCnt>>5;
5: AWB_Window_PixCnt>>4;
6: AWB_Window_PixCnt>>3;
7: AWB_Window_PixCnt>>2;
0
47
71
R_AWB_Speed
[1:0]
0x34
AWB adjust speed. The more, the slower
0: 1 x;
1: 1/2 x;
2: 1/4 x;
3: 1/8 x;
0
49
73
R_AWB_SumRatio_B
[7:0]
0x80
AWB B sum ratio = 128/X
0
4A
74
R_AWB_SumRatio_R
[7:0]
0x80
AWB R sum ratio = 128/X
0
4B
75
R_AWB_CThdL
[7:0]
0x42
AWB Cthd LB
0
4C
76
R_AWB_CThdH
[7:0]
0x05
AWB Cthd HB
0
4D
77
R_AWB_CbThdL[7:0]
[7:0]
0x64
AWB region test Cb Low threshold
-128 ~ +127 (2's complement)
0
4E
78
R_AWB_CrThdL[7:0]
[7:0]
0x87
AWB region test Cr Low threshold
-128 ~ +127 (2's complement)
0
4F
79
R_AWB_CbCrThdL[7:0]
[7:0]
0x00
AWB region test Cb+Cr Low threshold
-128 ~ +127 (2's complement)
0
50
80
R_AWB_CbThdH[7:0]
[7:0]
0x75
AWB region test Cb High threshold
-128 ~ +127 (2's complement)
0
51
81
R_AWB_CrThdH[7:0]
[7:0]
0x96
AWB region test Cr High threshold
-128 ~ +127 (2's complement)
0
52
82
R_AWB_CbCrThdH[7:0]
[7:0]
0xff
AWB region test Cb+Cr High threshold
-128 ~ +127 (2's complement)
0
53
83
R_Ylow
[7:0]
0x1e
Low bound of “light-pixel”Y in AWB
0
54
84
R_Yhigh
[7:0]
0xff
High bound of “light-pixel”Y in AWB
0
56
86
R_AE_stage_YlowLL_thd[4:0]
[4:0]
0x12
(AE stage >= thd) --> use AWB Lockrange_LL
0
57
87
R_AWB_LockRange__In[3:0]
[3:0]
0x02
AWB Lockrange In (NL)
0
58
88
R_AWB_LockRange_Out[5:0]
[5:0]
0x04
AWB Lockrange Out (NL)
0
59
89
R_AWB_LockRange__In_LL[5:0]
[5:0]
0x04
AWB Lockrange In (LL)
0
5A
90
R_AWB_LockRange_Out_LL[5:0]
[5:0]
0x06
AWB Lockrange Out (LL)
0
5B
91
R_AWB_MinStep_th[2:0]
[2:0]
0x00
AWB mininum step size
0:1, 1:2, 2:4, 3:8, 4:16, 5:32, 6:64, 7:128
0
5C
92
R_AE_HIST_Step_H[4:0]
[4:0]
0x0C
Distance of two horizontal AE histgram sample points
0
5F
95
R_AE_LockRange_Out_LB[7:0]
[7:0]
0x14
AE Lockrange Out LB
R_ISP_EnH
[5]
ISP enable
0
63
99
ISP_EnH_update
[4]
0x20
Flag: ISP enable is sync by vsync
0
64
100
R_AE_LockRange_Out_UB[7:0]
[7:0]
0x14
AE Lockrange Out UB
0
65
101
R_AE_LockRange__In[3:0]
[7:4]
0x41
AE Lockrange In
0
66
102
R_AE_EnH
[4]
0x00
AE enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com