Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
0
9F
159
R_LSC_R1[6:0]
[6:0]
0x00
Quartic parameter of R-channel
0
A0
160
R_LSC_G1[6:0]
[6:0]
0x00
Quartic parameter of G-channel
0
A1
161
R_LSC_B1[6:0]
[6:0]
0x00
Quartic parameter of B-channel
0
A2
162
R_LSC_R2[6:0]
[6:0]
0x50
Square parameter of R-channel
0
A3
163
R_LSC_G2[6:0]
[6:0]
0x50
Square parameter of G-channel
0
A4
164
R_LSC_B2[6:0]
[6:0]
0x50
Square parameter of B-channel
0
A5
165
R_LSFT_1[2:0]
[2:0]
0x04
Reserved
0
A6
166
R_LSFT_2[1:0]
[1:0]
0x00
Reserved
0
A7
167
R_LSFT_3[2:0]
[2:0]
0x02
Reserved
0
AE
174
AWB_Valid__PixCnt_vs[15:8]
[7:0]
0x00
AWB valid pixel cnt (by8)
0
AF
175
AWB_Valid__PixCnt_vs[7:0]
[7:0]
0x00
AWB valid pixel cnt (by8)
0
B0
176
Total_Gain[14:8]
[6:0]
0x00
Total gain (FG * GG, 7.8 format)
0
B1
177
Total_Gain[7:0]
[7:0]
0x00
Total gain (FG * GG, 7.8 format)
0
B2
178
AWB_Sum_R[15:8]
[7:0]
0x00
AWB Sum R
0
B3
179
AWB_Sum_R[7:0]
[7:0]
0x00
AWB Sum R
0
B4
180
AWB_Sum_G[15:8]
[7:0]
0x00
AWB Sum G
0
B5
181
AWB_Sum_G[7:0]
[7:0]
0x00
AWB Sum G
0
B6
182
AWB_Sum_B[15:8]
[7:0]
0x00
AWB Sum B
0
B7
183
AWB_Sum_B[7:0]
[7:0]
0x00
AWB Sum B
0
B8
184
LineCnt_Sensor[7:0]
[7:0]
0x00
Line counter
LineCnt_Sensor[9:8]
[1:0]
0x00
Line counter
0
B9
185
FrameCnt[2:0]
[6:4]
0x00
Frame counter (0~7)
0
BA
186
Ycap8bit
[7:0]
0x00
Y sum report
0
BB
187
AWB_EnH_vs
[6]
0x00
AWB enable sync by vsync
0
BB
187
AE_EnH_vs
[7]
0x00
AE enable sync by vysnc
0
BC
188
AG_stage[7:0]
[7:0]
0x00
AG Stage
0
BD
189
AE_stage[4:0]
[4:0]
0x00
AE Stage
0
BE
190
Reg_lpf[7:0]
[7:0]
0x00
Line Per Frame Register
0
BF
191
Reg_lpf[13:8]
[5:0]
0x00
Line Per Frame Register
0
C0
192
Reg_ny [7:0]
[7:0]
0x00
Ny Register
0
C1
193
Reg_ny [10:8]
[2:0]
0x00
Ny Register
0
C2
194
Reg_ne[7:0]
[7:0]
0x00
Ne Register
0
C3
195
Reg_ne[12:8]
[4:0]
0x00
Ne Register
0
CC
204
DGn_R_vs[7:0]
[7:0]
0x00
R Digital Gain sync by vsync
0
CD
205
DGn_R_vs[8]
[0]
0x00
R Digital Gain sync by vsync
0
CE
206
DGn_G_vs[7:0]
[7:0]
0x00
G Digital Gain sync by vsync
0
CF
207
DGn_G_vs[8]
[0]
0x00
G Digital Gain sync by vsync
0
D0
208
DGn_B_vs[7:0]
[7:0]
0x00
B Digital Gain sync by vsync
0
D1
209
DGn_B_vs[8]
[0]
0x00
B Digital Gain sync by vsync
0
D4
212
reg_FG_stage_6329[7:0]
[7:0]
0x00
AE computed Front gain
reg_cgh_6329[1:0]
[1:0]
0x00
AE computed CGH
0
D5
213
reg_DG_6329[3:0]
[7:4]
0x00
AE computed DG
0
DE
222
AE_Already_Locked_vs
[0]
0x00
1=locked, 0=not locked
0
E0
224
R_ISP_HSize[7:0]
[7:0]
0x80
ISP output Horizontal size, (before skip function)
0
E1
225
R_ISP_HSize[9:8]
[1:0]
0x02
ISP output Horizontal size, (before skip function)
0
E2
226
R_ISP_VSize[7:0]
[7:0]
0xe0
ISP output Vertical size, (before skip function)
0
E3
227
R_ISP_Vsize[9:8]
[1:0]
0x01
ISP output Vertical size, (before skip function)
0
E6
230
R_ISP_FastUpdate
[0]
0x00
ISP Fast Update mode
0
EB
235
R_SwTristate
[0]
0x0
Sw Tristate
ISP_Update
[0]
0x00
ISP_UpdateFlag
0
ED
237
ISP_FrameSkip
[4]
0x00
(ISP_UpdateFlag=1, update)
RegBank_SWRstn
[0]
0x00
SW reset for RegBank0, RegBank1
Sensor_IF_SWRstn
[1]
0x00
SW reset for Sensor interface
ISP_Top1_SWRstn
[2]
0x00
SW reset for ISP_Top1
ISP_Top2_SWRstn
[3]
0x00
SW reset for ISP_Top2
0
EE
238
AE_AWB_SWRstn
[4]
0x00
SW reset for AE_AWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com