Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS6329 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
1.
Pin Assignment
Pin No.
Name
Type
Description
A1
SYSCLK
IN
External clock input
A2
PXCLK
OUT
Pixel clock output
A3
PXD1
OUT
Digital pixel data [1]
A4
PXD3
OUT
Digital pixel data [3]
A5
VSSD
GND
Digital ground
B1
VDDD
PWR
Digital core power, 1.8V
B2
PXD0
OUT
Digital pixel data [0], LSB
B3
PXD2
OUT
Digital pixel data [2]
B4
NC
- -
- -
B5
PXD4
OUT
Digital pixel data [4]
C1
DVDD28
PWR
I/O power, 2.8V typical
C4
PXD6
OUT
Digital pixel data [6]
C5
PXD5
OUT
Digital pixel data [5]
D1
AVDD28
PWR
Analog power, 2.8V typical
D3
SCL
IN
I2C clock input
D4
VSYNC
OUT
Vertical synchronization signal output
D5
PXD7
OUT
Digital pixel data [7], MSB
E1
VREF
Ref
Voltage reference
E2
VSSA
GND
Analog ground
E3
CSB
IN
Power down mode enable, active high
E4
SDA
I/O
I2C data
E5
HSYNC
OUT
Horizontal synchronization signal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com