Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS6329 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
2.
Specifications
Absolute Maximum Ratings
Operating Temperature
-30℃ ~ 85℃
Stable Image Temperature
0℃ ~ 50℃
Ambient Storage Temperature
-40℃ ~ 125℃
VDDA
4.5V
VDDD
3.0V
VDDIO
4.5V
Supply Voltage ( with respect to ground )
All Input / Output Voltage ( with respect to ground )
-0.3V to VDDIO + 0.5V
Lead-free temperature, Surface-mount process
245℃
ESD rating, Human Body model
2000V
DC Electrical Characteristics ( Ta = 0℃ ~ 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type : POWER
VDDA
DC supply voltage – Analog
2.6
2.8
3.0
V
VDDD
DC supply voltage – Digital core
1.8
V
VDDIO
DC supply voltage – I/O
2.6
2.8
3.0
V
IDD
Operating Current (VGA YUV 30fps / 2.8v)
25
mA
IPWDN
Power Down Current (VGA YUV 30fps / 2.8v)
10
µA
Type : IN & I/O
VIH
Input Voltage HIGH
VDDIO
* 0.7
V
VIL
Input Voltage LOW
VDDIO
* 0.3
V
Type : OUT & I/O
VOH
Output Voltage HIGH
VDDIO
* 0.9
V
VOL
Output Voltage LOW
VDDIO
* 0.1
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
fsysclk
System clock frequency
24
MHz
tsysclk_dc
System clock duty cycle
45
55
%
Sensor Characteristics
Parameter
Typ.
Unit
Sensitivity
1500
mV/Lux-Sec
Signal to Noise Ratio
41
dB
Dynamic Range
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com