Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
2
62
98
R_Shading_CP_R_Delta[4:0]
[4:0]
0x02
Increment when AE/AG state change
R_Shading_CP_R_NL[3:0]
[3:0]
0x0f
Shading compensation percentage @Normal Light
2
63
99
R_Shading_CP_R_LL[3:0]
[7:4]
0x00
Shading compensation percentage @Low Light
2
64
100
R_Contrast_En
[0]
0x01
Contrast Enable
2
65
101
R_Contrast_Str[7:0]
[7:0]
0x40
Contrast Strength (ISP2_UpdateFlag=1, update)
2
66
102
R_Contrast_CP[7:0]
[7:0]
0x82
Contrast CP (ISP2_UpdateFlag=1, update)
2
69
105
R_Brightness_LL[7:0]
[7:0]
0x00
Brightness @ Low Light
2
6A
106
R_Brightness_NL[7:0]
[7:0]
0x00
Brightness @ Normal Light
2
9B
155
R_ISP_WOI_HSize[9:8]
[1:0]
0x02
(ISP2_UpdateFlag=1, update)
2
9C
156
R_ISP_WOI_HSize[7:0]
[7:0]
0x80
(ISP2_UpdateFlag=1, update)
2
9D
157
R_ISP_WOI_VSize[9:8]
[1:0]
0x01
(ISP2_UpdateFlag=1, update)
2
9E
158
R_ISP_WOI_VSize[7:0]
[7:0]
0xe0
(ISP2_UpdateFlag=1, update)
2
9F
159
R_ISP_WOI_HOffset[9:8]
[1:0]
0x00
(ISP2_UpdateFlag=1, update)
2
A0
160
R_ISP_WOI_HOffset[7:0]
[7:0]
0x00
(ISP2_UpdateFlag=1, update)
2
A1
161
R_ISP_WOI_VOffset[9:8]
[1:0]
0x00
(ISP2_UpdateFlag=1, update)
2
A2
162
R_ISP_WOI_VOffset[7:0]
[7:0]
0x00
(ISP2_UpdateFlag=1, update)
2
A4
164
R_ScalingFIFO_Out_NP[4:0]
[4:0]
0x02
(ISP2_UpdateFlag=1, update)
R_EncDecimationNo_X[3:0]
[3:0]
0x00
ISP decimation no in X-direction
(ISP_Zoom_UpdateFlag=1, update)
2
B2
178
R_EncDecimationNo_Y[3:0]
[7:4]
0x00
ISP decimation no in Y-direction
(ISP_Zoom_UpdateFlag=1, update)
R_UV_Swap
[1]
0x00
U V Swap
2
BF
191
R_YC_Swap
[2]
0x01
Y C Swap
R_RGB565_mode[3:0]
[3:0]
0x00
RGB565_mode
2
C0
192
R_Format_Sel
[5:4]
0x00
Output Data format select
0:YUV;
1:RGB565;
2:RGB555;
3:RGB444;
(ISP2_UpdateFlag=1, update)
R_Vsync_INV
[0]
0x01
Vsync inverse
R_Hsync_INV
[1]
0x01
Hsync inverse
R_Pxclk_INV
[2]
0x00
Pxclk inverse
R_Pxclk_Gated_InHVSync
[3]
0x00
Gate PXCLK in hsync/vsync
R_SenVsync_En
[4]
0x00
Reserved
2
C1
193
R_HsyncInVsync
[5]
0x00
hsync toggle when vsync high
R_PxclkO_dly
[6:4]
0x00
Pxclk Delay Cell Select
2
C2
194
R_HsyncO_dly
[2:0]
0x00
Hsync Delay Cell Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com