Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
4.
Registers
Register Table
Address
Bank
Hex
Dec
Register Name
Bits
Default
Value
Notes
0
0
0
PartID[15:8]
[7:0]
0x63
Part ID
0
1
1
PartID[7:0]
[7:0]
0x27
Part ID
0
2
2
VersionID[3:0]
[3:0]
0x00
VersionID
0
3
3
SubID[3:0]
[3:0]
0x0a
SubID
0
4
4
R_AE_stage_indoor_Sel
[0]
0x0
AE indoor stage select 0:11 , 1:12
0
8
8
R_ne_clamp_by8[7:0]
[7:0]
0x50
ne upper bound (clamp to R_ne_clamp_by8*8 )
0
9
9
R_ISP_TestValueLo[7:0]
[7:0]
0x00
ISP test mode low data value
0
A
10
R_ISP_TestValueHi[7:0]
[7:0]
0xff
ISP test mode high data value
0
C
12
R_ISP_TestMode[4:0]
[4:0]
0x00
ISP test mode data generation
Bit[4] : defect test pixel insertion
Bit[3:0] :
0:no test; 1:white; 2:black;
3:red; 4:green; 5:blue;
6:vertical&horizontal color bar;
7:random data;
8:vertical gray bar;
9:horizontal gray bar;
12-15: motion test;
0
F
15
R_AWB_Window_X[7:0]
[7:0]
0x90
AWB window width (by4)
0
11
17
R_AWB_Window_Y[7:0]
[7:0]
0x64
AWB window height (by4)
0
13
19
R_lpf_min[7:0]
[7:0]
0xf6
Lpf minimum value for AE
R_ny_min[3:0]
[7:4]
Ny minimum value for AE
0
14
20
R_lpf_min[10:8]
[2:0]
0x21
Lpf minimum value for AE
0
19
25
R_AWB_DGnR_LB_by2[7:0]
[7:0]
0x30
AWB digital gain lower bound for R
0
1A
26
R_AWB_DGnR_UB_by2[7:0]
[7:0]
0x49
AWB digital gain upper bound for B
0
1B
27
R_AWB_DGnB_LB_by2[7:0]
[7:0]
0x3a
AWB digital gain lower bound for B
0
1C
28
R_AWB_DGnB_UB_by2[7:0]
[7:0]
0x78
AWB digital gain upper bound for R
0
1D
29
R_Y8bit_Saturate_Thd[7:0]
[7:0]
0xfe
Ycap_Very_Saturate
=(Ycap8bit[7:0] >= R_Y8bit_Saturate_Thd);
0
1E
30
R_Y8bit_Bright_Thd[7:0]
[7:0]
0xc8
Ycap_Very_bright_2X
=(Ycap8bit[7:0] >= R_Y8bit_Bright_Thd);
0
29
41
R_ISP_Gamma_EnH
[0]
0x01
ISP gamma correction enable
0
2A
42
R_ISP_Y00
[7:0]
0x0d
ISP Gamma Y0
0
2B
43
R_ISP_Y01
[7:0]
0x19
ISP Gamma Y1
0
2C
44
R_ISP_Y02
[7:0]
0x2f
ISP Gamma Y2
0
2D
45
R_ISP_Y03
[7:0]
0x53
ISP Gamma Y3
0
2E
46
R_ISP_Y04
[7:0]
0x62
ISP Gamma Y4
0
2F
47
R_ISP_Y05
[7:0]
0x6f
ISP Gamma Y5
0
30
48
R_ISP_Y06
[7:0]
0x7c
ISP Gamma Y6
0
31
49
R_ISP_Y07
[7:0]
0x87
ISP Gamma Y7
0
32
50
R_ISP_Y08
[7:0]
0x9a
ISP Gamma Y8
0
33
51
R_ISP_Y09
[7:0]
0xaa
ISP Gamma Y9
0
34
52
R_ISP_Y10
[7:0]
0xb8
ISP Gamma Y10
0
35
53
R_ISP_Y11
[7:0]
0xc5
ISP Gamma Y11
0
36
54
R_ISP_Y12
[7:0]
0xd8
ISP Gamma Y12
0
37
55
R_ISP_Y13
[7:0]
0xe8
ISP Gamma Y13
0
38
56
R_ISP_Y14
[7:0]
0xf5
ISP Gamma Y14
0
3A
58
R_Ycap_Very_dark_16X_steps[5:0]
[5:0]
0x20
Step change when Ycap < Ytar/16
0
3B
59
R_Ycap_Very_dark_8X_steps[5:0]
[5:0]
0x18
Step change when Ycap < Ytar/8
0
3C
60
R_Ycap_Very_dark_4X_steps[5:0]
[5:0]
0x10
Step change when Ycap < Ytar/4
0
3D
61
R_Ycap_Very_dark_2X_steps[5:0]
[5:0]
0x08
Step change when Ycap < Ytar/2
0
3E
62
R_AE_HIST_BackLight[2:0]
[2:0]
0x00
AE histogram backlight, 0~7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com