Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
R_TGWr_buf_EnH
[1]
0x01
Enable I2C buffer for TG when AE on
R_freq_60
[0]
0x01
Set de-flicker frequency
0/1: 50/60Hz
0
67
103
R_SysClk_freq[7:0]
[7:0]
0x97
Input_frequency/2048
0
68
104
R_SysClk_freq[14:8]
[6:0]
0x31
Input_frequency/2048
0
6B
107
R_AE_minStage[4:0]
[4:0]
0x07
Minimum AE stage
0
6C
108
R_AE_maxStage[4:0]
[4:0]
0x1c
Maximum AE stage (AE_maxStage<=31)
0
6D
109
R_AG_stage_UB
[7:0]
0x3f
AG_stage upper bound at max AE_stage
0
6F
111
R_Ytar8bit
[7:0]
0x82
0~255, Target luminance of AE
R_AE_wait_state
[2:0]
0x00
Frame wait-state for AE adjust
0
70
112
R_AWB_wait_state
[6:4]
0x00
Frame wait-state for AWB adjust
R_AWB_EnH
[0]
0x00
Auto-white balance enable
0
72
114
R_AWB_Gain_rst
[4]
0x01
AWB gain reset
0
73
115
R_AWB_BalGain_R[7:0]
[7:0]
0xbe
AWB Balance gain R
0
74
116
R_AWB_BalGain_B[7:0]
[7:0]
0x9c
AWB Balance gain B
0
76
118
R_AWB_HCT_WeightThd[7:0]
[7:0]
0x5e
Reserved
0
79
121
R_ISP_HOffset[7:0]
[7:0]
0x16
ISP Hsize Offset
0
7B
123
R_ISP_VOffset[7:0]
[7:0]
0x04
ISP Vsize Offset
R_AE_Speed
[5:4]
0x00
AE speed, the more, the slower
0: 1 x;
1: 1/2 x;
2: 1/4 x;
3: 1/8 x;
0
81
129
R_AE_MinStep_th[1:0]
[1:0]
0x00
AE Minimun step threshold select
0: 16; 1:32; 2:64; 3:128;
0
84
132
R_AE_StageChg_Saturate
[5:0]
0x20
AE StageChg when (Average Lumiance > saturate threshold)
0
86
134
R_AE_StageChg_Bright2X
[5:0]
0x10
AE StageChg when (Average Lumiance > 2*Target Lumiance)
0
8E
142
R_AE_chg_wait
[2:0]
0x00
AE wait state when AE change Texp
0
8F
143
R_ImgEffect_c0
[7:0]
0x00
Image Effect parameter 0
(ISP_UpdateFlag=1, update)
0
90
144
R_ImgEffect_c1
[7:0]
0x00
Image Effect parameter 1
(ISP_UpdateFlag=1, update)
0
91
145
R_ImgEffect_c2
[7:0]
0x00
Image Effect parameter 2
(ISP_UpdateFlag=1, update)
0
92
146
R_ImgEffect_c3
[7:0]
0x00
Image Effect parameter 3
(ISP_UpdateFlag=1, update)
0
93
147
R_ImgEffectMode
[3:0]
0x00
Image Effect mode
0: monochrome;
1: negative;
2: x-ray;
3: Sepia / Cold / Warm / Sunset;
6: Solarize;
10: Pixelate;
(ISP_UpdateFlag=1, update)
0
94
148
R_ISP_ImgEffect_En
[0]
0x00
Image effect enable
(ISP_UpdateFlag=1, update)
R_SENCLK_delay[3:0]
[3:0]
0x00
Senclk output deley select
0
95
149
R_SENCLK_Inv
[4]
0x00
Sensor clock output inversion
0
97
151
R_Shading_EnH
[4]
0x01
Lens shading enable
0
99
153
R_OffsetX_R[6:0]
[6:0]
0x00
Horizontal distances between shading center and sensor array
center of R-channel, MSB:sign bit, -63~+63
0
9A
154
R_OffsetY_R[6:0]
[6:0]
0x00
Vertical distances between shading center and sensor array center
of R-channel, MSB:sign bit, -63~+63
0
9B
155
R_OffsetX_G[6:0]
[6:0]
0x00
Horizontal distances between shading center and sensor array
center of G-channel, MSB:sign bit, -63~+63
0
9C
156
R_OffsetY_G[6:0]
[6:0]
0x00
Vertical distances between shading center and sensor array center
of G-channel, MSB:sign bit, -63~+63
0
9D
157
R_OffsetX_B[6:0]
[6:0]
0x00
Horizontal distances between shading center and sensor array
center of B-channel, MSB:sign bit, -63~+63
0
9E
158
R_OffsetY_B[6:0]
[6:0]
0x00
Vertical distances between shading center and sensor array center
of B-channel, MSB:sign bit, -63~+63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com