Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAS6329 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PixArt Imaging Inc.
PAS6329
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
3.
I2CTM Bus
PAS6329 supports I2C bus transfer protocol and acts as slave device. The 7-bits unique slave address is
“1000000” and supports receiving / transmitting speed as maximum 400KHz.
I2C Bus Overview
Only two wires SDA ( serial data ) and SCL ( serial clock ) carry information between the
devices connected to the I2C bus. Normally both SDA and SCL lines are open collector
structure and pulled high by external pull-up resistors.
Only the master can initiates a transfer ( start ), generates clock signals, and terminates a
transfer ( stop ).
Start and stop condition : A high to low transition of the SDA line while SCL is high defines a
start condition. A low to high transition of the SDA line while SCL is high defines a stop
condition. Please refer to Figure 2.1.
Valid data : The data on the SDA line must be stable during the high period of the SCL clock.
Within each byte, MSB is always transferred first. Read / Write control bit is the LSB of the
first byte. Please refer to Figure 2.2.
Both the master and slave can transmit and receive data from the bus.
Acknowledge : The receiving device should pull down the SDA line during high period of the
SCL clock line when a complete byte was transferred by transmitter. In the case of a master
received data from a slave, the master does not generate an acknowledgment on the last byte
to indicate the end of a master read cycle.
Figure 2.1 Start and Stop conditions
Figure 2.2 Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com