Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6329 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS6329
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6329 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS6329 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6329 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAS6329 Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/03/03
PAS6329 CMOS VGA DIGITAL IMAGE SENSOR
General Description
The PAS6329 is a highly integrated CMOS active-pixel image sensor that has output of 640 x 480 pixels. It
embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6329 outputs 8-bit
YUV/YCrCb 4:2:2 or RGB565/555/444 data through a parallel data bus. It is available in CSP-22L package.
The PAS6329 can be programmed to set the exposure time for different luminance condition via I2CTM serial
control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset correction
DAC and programmable gain control.
Key Specification
Resolution
640 (H) x 480 (V)
Pixel Size
3.15um * 3.15um
Array diagonal
1/7” Lens
Lens Chief Ray Angle
25 degree
Color filter
RGB Bayer Pattern
Analog
2.8V typical
I/O
2.8V typical
Power
Core
1.8V typical
Max. input clock
52MHz
Max. output clock
26MHz
Max. Frame rate
30fps
Scan Mode
Progressive
Exposure Time
~ Frame time to Line time
Sensitivity
1500mV/Lux-Sec
S/N Ratio
41dB
Dynamic range
60dB
Features
Resolution: 640 x 480 pixels, 1/7” Lens
Bayer-RGB color filter array
Output format (parallel 8-bit):
YUV/YCrCb 4:2:2
RGB565/555/444
I2CTM Interface
Power dissipation: operating typical
25mA @ 2.8V (VGA YUV 30fps output,
without loading), power-down typical
10uA @ 2.8V
Automatic Background Compensation
DSP function:
AEC & AGC
AWB
Gamma
Color matrix
Sharpness
De-noise
Color saturation
Defect compensation
Lens shading compensation
Decimation
WOI & Sub-sampling
Dummy line & pixel timing
Output Hsync at Vsync
Module size : 6.0mm * 6.0mm
Package
CSP-22L


Similar Part No. - PAS6329

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
CMOS VGA DIGITAL IMAGE SESNSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6329

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V131 ONSEMI-MT9V131 Datasheet
753Kb / 33P
Inch SOC VGA CMOS Digital Image Sensor
Rev. H 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com