Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 27 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 27 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 23Page - Microchip Technology COM20020ILJP Datasheet HTML 24Page - Microchip Technology COM20020ILJP Datasheet HTML 25Page - Microchip Technology COM20020ILJP Datasheet HTML 26Page - Microchip Technology COM20020ILJP Datasheet HTML 27Page - Microchip Technology COM20020ILJP Datasheet HTML 28Page - Microchip Technology COM20020ILJP Datasheet HTML 29Page - Microchip Technology COM20020ILJP Datasheet HTML 30Page - Microchip Technology COM20020ILJP Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 27
Revision 12-05-06
DATASHEET
Note 6.1
(R/W) This bit can be Written or Read. For more information see Appendix C -
Software
Identification of the COM20020 Rev B, Rev C and Rev D.
Table 6.2 - Write Register Summary
ADDR
MSB
WRITE
LSB
REGISTER
00
RI/TR1
0
0
0
EXCNAK
RECON
NEW
NEXTID
TA/
TTA
INTERRUPT
MASK
01
C7
C6
C5
C4
C3
C2
C1
C0
COMMAND
02
RD-
DATA
AUTO-
INC
0
0
0
A10
A9
A8
ADDRESS
PTR HIGH
03
A7
A6
A5
A4
A3
A2
A1
A0
ADDRESS
PTR LOW
04
D7
D6
D5
D4
D3
D2
D1
D0
DATA
05
(R/W)
Note 6.2
0
0
0
(R/W)
Note 6.2
SUB-
AD2
SUB-
AD1
SUB-
AD0
SUBADR
06
RESET
CCHEN
TXEN
ET1
ET2
BACK-
PLANE
SUB-
AD1
SUB-
AD0
CONFIG-
URATION
07-0
TID7
TID6
TID5
TID4
TID3
TID2
TID1
TID0
TENTID
07-1
NID7
NID6
NID5
NID4
NID3
NID2
NID1
NID0
NODEID
07-2
P1-
MODE
FOUR
NAKS
0
RCV-
ALL
CKP3
CKP2
CKP1
SLOW-
ARB
SETUP1
07-3
0
0
0
0
0
0
0
0
TEST
07-4
RBUS-
TMG
0
CKUP1
CKUP0
EF
NO-
SYNC
RCN-
TM1
RCN-
TM0
SETUP2
Note 6.2
(R/W) This bit can be Written or Read. For more information see Appendix C -
Software
Identification of the COM20020 Rev B, Rev C and Rev D.
6.2
Internal Registers
The COM20020ID contains 14 internal registers. Table 6.1 and Table 6.2 illustrate the COM20020ID
register map. All undefined bits are read as undefined and must be written as logic "0".
6.2.1
Interrupt Mask Register (IMR)
The COM20020ID is capable of generating an interrupt signal when certain status bits become true. A
write to the IMR specifies which status bits will be enabled to generate an interrupt. The bit positions in the
IMR are in the same position as their corresponding status bits in the Status Register and Diagnostic
Status Register. A logic "1" in a particular position enables the corresponding interrupt. The Status bits
capable of generating an interrupt include the Receiver Inhibited bit, New Next ID bit, Excessive NAK bit,
Reconfiguration Timer bit, and Transmitter Available bit. No other Status or Diagnostic Status bits can
generate an interrupt.
The six maskable status bits are ANDed with their respective mask bits, and the results are ORed to
produce the interrupt signal. An RI or TA interrupt is masked when the corresponding mask bit is reset
to logic "0", but will reappear when the corresponding mask bit is set to logic "1" again, unless the interrupt
status condition has been cleared by this time. A RECON interrupt is cleared when the "Clear Flags"
command is issued. An EXCNAK interrupt is cleared when the "POR Clear Flags" command is issued. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com