Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 5 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 5 Page - Microchip Technology

  COM20020ILJP Datasheet HTML 1Page - Microchip Technology COM20020ILJP Datasheet HTML 2Page - Microchip Technology COM20020ILJP Datasheet HTML 3Page - Microchip Technology COM20020ILJP Datasheet HTML 4Page - Microchip Technology COM20020ILJP Datasheet HTML 5Page - Microchip Technology COM20020ILJP Datasheet HTML 6Page - Microchip Technology COM20020ILJP Datasheet HTML 7Page - Microchip Technology COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 5
Revision 12-05-06
DATASHEET
Table 6.10 - Setup 1 Register .......................................................................................................................................36
Table 6.11 - Setup 2 Register .......................................................................................................................................37
Table 9.1 - 48 Pin TQFP Package Parameters ............................................................................................................67
For more details on the ARCNET protocol engine and traditional dipulse signaling schemes, please refer to the
ARCNET Local Area Network Standard, available from Standard Microsystems Corporation or the ARCNET
Designer's Handbook, available from Datapoint Corporation.
For more detailed information on cabling options including RS485, transformer-coupled RS-485 and Fiber Optic
interfaces, please refer to the following technical note which is available from Standard Microsystems
Corporation: Technical Note 7-5 - Cabling Guidelines for the COM20020 ULANC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com