Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 14 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 14 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 10Page - Microchip Technology COM20020ILJP Datasheet HTML 11Page - Microchip Technology COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology COM20020ILJP Datasheet HTML 14Page - Microchip Technology COM20020ILJP Datasheet HTML 15Page - Microchip Technology COM20020ILJP Datasheet HTML 16Page - Microchip Technology COM20020ILJP Datasheet HTML 17Page - Microchip Technology COM20020ILJP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 14
SMSC COM20020I Rev D
DATASHEET
4.4
Broadcast Messages
Broadcasting gives a particular node the ability to transmit a data packet to all nodes on the network
simultaneously. ID zero is reserved for this feature and no node on the network can be assigned ID zero.
To broadcast a message, the transmitting node's processor simply loads the RAM buffer with the data
packet and sets the DID equal to zero. Figure 5.3 – High Speed CPU Bus Timing – Intel CPU Mode, pg.
20 illustrates the position of each byte in the packet with the DID residing at address 0X01 or 1 Hex of the
current page selected in the "Enable Transmit from Page fnn" command. Each individual node has the
ability to ignore broadcast messages by setting the most significant bit of the "Enable Receive to Page fnn"
command to a logic "0".
4.5
Extended Timeout Function
There are three timeouts associated with the COM20020ID operation. The values of these timeouts are
controlled by bits 3 and 4 of the Configuration Register and bit 5 of the Setup 1 Register.
4.5.1
Response Time
The Response Time determines the maximum propagation delay allowed between any two nodes, and
should be chosen to be larger than the round trip propagation delay between the two furthest nodes on
the network plus the maximum turn around time (the time it takes a particular COM20020ID to start
sending a message in response to a received message) which is approximately 6.4
μS. The round trip
propagation delay is a function of the transmission media and network topology. For a typical system
using RG62 coax in a baseband system, a one way cable propagation delay of 15.5
μS translates to a
distance of about 2 miles. The flow chart in Figure 3.1 uses a value of 37.4
μS (15.5 + 15.5 + 6.4) to
determine if any node will respond.
4.5.2
Idle Time
The Idle Time is associated with a NETWORK RECONFIGURATION. Figure 3.1 illustrates that during a
NETWORK RECONFIGURATION one node will continually transmit INVITATIONS TO TRANSMIT until it
encounters an active node. All other nodes on the network must distinguish between this operation and an
entirely idle line. During NETWORK RECONFIGURATION, activity will appear on the line every 41
μS.
This 41
μS is equal to the Response Time of 37.4 μS plus the time it takes the COM20020ID to start
retransmitting another message (usually another INVITATION TO TRANSMIT).
4.5.3
Reconfiguration Time
If any node does not receive the token within the Reconfiguration Time, the node will initiate a NETWORK
RECONFIGURATION. The ET2 and ET1 bits of the Configuration Register allow the network to operate
over longer distances than the 2 miles stated earlier. The logic levels on these bits control the maximum
distances over which the COM20020ID can operate by controlling the three timeout values described
above. For proper network operation, all COM20020ID's connected to the same network must have the
same Response Time, Idle Time, and Reconfiguration Time.
4.6
Line Protocol
The ARCNET line protocol is considered isochronous because each byte is preceded by a start interval
and ended with a stop interval. Unlike asynchronous protocols, there is a constant amount of time
separating each data byte. On a 5 Mbps network, each byte takes exactly 11 clock intervals of 200ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com