Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 31 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 31 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 27Page - Microchip Technology COM20020ILJP Datasheet HTML 28Page - Microchip Technology COM20020ILJP Datasheet HTML 29Page - Microchip Technology COM20020ILJP Datasheet HTML 30Page - Microchip Technology COM20020ILJP Datasheet HTML 31Page - Microchip Technology COM20020ILJP Datasheet HTML 32Page - Microchip Technology COM20020ILJP Datasheet HTML 33Page - Microchip Technology COM20020ILJP Datasheet HTML 34Page - Microchip Technology COM20020ILJP Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 31
Revision 12-05-06
DATASHEET
Table 6.3 - Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Receiver
Inhibited
RI
This bit, if high, indicates that the receiver is not enabled because either
an "Enable Receive to Page fnn" command was never issued, or a packet
has been deposited into the RAM buffer page fnn as specified by the last
"Enable Receive to Page fnn" command. No messages will be received
until this command is issued, and once the message has been received,
the RI bit is set, thereby inhibiting the receiver. The RI bit is cleared by
issuing an "Enable Receive to Page fnn" command. This bit, when set,
will cause an interrupt if the corresponding bit of the Interrupt Mask
Register (IMR) is also set. When this bit is set and another station
attempts to send a packet to this station, this station will send a NAK.
6,5
(Reserved)
These bits are undefined.
4
Power On Reset
POR
This bit, if high, indicates that the COM20020ID has been reset by either a
software reset, a hardware reset, or writing 00H to the Node ID Register.
The POR bit is cleared by the "Clear Flags" command.
3
Test
TEST
This bit is intended for test and diagnostic purposes. It is a logic "0" under
normal operating conditions.
2
Reconfiguration
RECON
This bit, if high, indicates that the Line Idle Timer has timed out because
the RXIN pin was idle for 41
μS. The RECON bit is cleared during a "Clear
Flags" command. This bit, when set, will cause an interrupt if the
corresponding bit in the IMR is also set. The interrupt service routine
should consist of examining the MYRECON bit of the Diagnostic Status
Register to determine whether there are consecutive reconfigurations
caused by this node.
1
Transmitter
Message
Acknowledged
TMA
This bit, if high, indicates that the packet transmitted as a result of an
"Enable Transmit from Page fnn" command has been acknowledged.
This bit should only be considered valid after the TA bit (bit 0) is set.
Broadcast messages are never acknowledged. The TMA bit is cleared by
issuing the "Enable Transmit from Page fnn" command.
0
Transmitter
Available
TA
This bit, if high, indicates that the transmitter is available for transmitting.
This bit is set when the last byte of scheduled packet has been
transmitted out, or upon execution of a "Disable Transmitter" command.
The TA bit is cleared by issuing the "Enable Transmit from Page fnn"
command after the node next receives the token. This bit, when set, will
cause an interrupt if the corresponding bit in the IMR is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com