Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 16 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 16 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology COM20020ILJP Datasheet HTML 14Page - Microchip Technology COM20020ILJP Datasheet HTML 15Page - Microchip Technology COM20020ILJP Datasheet HTML 16Page - Microchip Technology COM20020ILJP Datasheet HTML 17Page - Microchip Technology COM20020ILJP Datasheet HTML 18Page - Microchip Technology COM20020ILJP Datasheet HTML 19Page - Microchip Technology COM20020ILJP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 16
SMSC COM20020I Rev D
DATASHEET
4.6.4
Acknowledgements
An Acknowledgement is used to acknowledge reception of a packet or as an affirmative response to FREE
BUFFER ENQUIRIES and is sent by the following sequence:
An ALERT BURST
An ACK (ACKnowledgement--ASCII code 86H) character
ALERT BURST
ACK
4.6.5
Negative Acknowledgements
A Negative Acknowledgement is used as a negative response to FREE BUFFER ENQUIRIES and is sent
by the following sequence:
An ALERT BURST
A NAK (Negative Acknowledgement--ASCII code 15H) character
ALERT BURST
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com