Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 34 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 34 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 30Page - Microchip Technology COM20020ILJP Datasheet HTML 31Page - Microchip Technology COM20020ILJP Datasheet HTML 32Page - Microchip Technology COM20020ILJP Datasheet HTML 33Page - Microchip Technology COM20020ILJP Datasheet HTML 34Page - Microchip Technology COM20020ILJP Datasheet HTML 35Page - Microchip Technology COM20020ILJP Datasheet HTML 36Page - Microchip Technology COM20020ILJP Datasheet HTML 37Page - Microchip Technology COM20020ILJP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 34
SMSC COM20020I Rev D
DATASHEET
Table 6.6 - Address Pointer High Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Data
RDDATA
This bit tells the COM20020ID whether the following access will
be a read or write. A logic "1" prepares the device for a read, a
logic "0" prepares it for a write.
6
Auto Increment
AUTOINC
This bit controls whether the address pointer will increment
automatically. A logic "1" on this bit allows automatic increment of
the pointer after each access, while a logic "0" disables this
function. Please refer to the Sequential Access Memory section
for further detail.
5-3
(Reserved)
These bits are undefined.
2-0
Address 10-8
A10-A8
These bits hold the upper three address bits which provide
addresses to RAM.
Table 6.7 - Address Pointer Low Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7-0
Address 7-0
A7-A0
These bits hold the lower 8 address bits which provide the
addresses to RAM.
Table 6.8 - Sub Address Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7-3
Reserved
These bits are undefined.
2,1,0
Sub Address 2,1,0
SUBAD
2,1,0
These bits determine which register at address 07 may be
accessed. The combinations are as follows:
SUBAD2
SUBAD1
SUBAD0
Register
0
0
0
Tentative ID \ (Same
0
0
1
Node ID
\ as in
0
1
0
Setup 1
/ Config
0
1
1
Next ID
/ Register)
1
0
0
Setup 2
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
SUBAD1 and SUBAD0 are exactly the same as exist in the
Configuration Register. SUBAD2 is cleared automatically by writing
the Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com