Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 44 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 44 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 40Page - Microchip Technology COM20020ILJP Datasheet HTML 41Page - Microchip Technology COM20020ILJP Datasheet HTML 42Page - Microchip Technology COM20020ILJP Datasheet HTML 43Page - Microchip Technology COM20020ILJP Datasheet HTML 44Page - Microchip Technology COM20020ILJP Datasheet HTML 45Page - Microchip Technology COM20020ILJP Datasheet HTML 46Page - Microchip Technology COM20020ILJP Datasheet HTML 47Page - Microchip Technology COM20020ILJP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 44
SMSC COM20020I Rev D
DATASHEET
6.4.3
Receive Sequence
A receive sequence begins with the RI status bit becoming a logic "1", which indicates that a previous
reception has concluded. The microcontroller will be interrupted if the corresponding bit in the Interrupt
Mask Register is set to logic "1". Otherwise, the microcontroller must periodically check the Status
Register. Once the microcontroller is alerted to the fact that the previous reception has concluded, it may
issue the "Enable Receive to Page fnn" command, which resets the RI bit to logic "0" and selects a new
page in the RAM buffer.
Again, the appropriate buffer size is specified in the "Define Configuration"
command. Typically, the page which just received the data packet will be read by the microcontroller at
this point. Once the "Enable Receive to Page fnn" command is issued, the microcontroller attends to other
duties. There is no way of knowing how long the new reception will take, since another node may transmit
a packet at any time. When another node does transmit a packet to this node, and if the "Define
Configuration" command has enabled the reception of long packets, the COM20020ID interprets the
packet as either a long or short packet, depending on whether the content of the buffer location 2 is zero or
non-zero. The format of the buffer is shown in Figure 6.3. Address 0 contains the Source Identifier (SID),
Address 1 contains the Destination Identifier (DID), and Address 2 contains, for short packets, the value
256-N, where N represents the message length, or for long packets, the value 0, indicating that it is indeed
a long packet. In the latter case, Address 3 contains the value 512-N, where N represents the message
length. Note that on reception, the COM20020ID deposits packets into the RAM buffer in the same format
that the transmitting node arranges them, which allows for a message to be received and then
retransmitted without rearranging any bytes in the RAM buffer other than the SID and DID. Once the
packet is received and stored correctly in the selected buffer, the COM20020ID sets the RI bit to logic "1"
to signal the microcontroller that the reception is complete.
Figure 6.3 – Command Chaining Status Register Queue
TRI
RI
TA
POR
TEST
RECON
TMA
TTA
TMA
TTA
TRI
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com