Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 9 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 9 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 5Page - Microchip Technology COM20020ILJP Datasheet HTML 6Page - Microchip Technology COM20020ILJP Datasheet HTML 7Page - Microchip Technology COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology COM20020ILJP Datasheet HTML 10Page - Microchip Technology COM20020ILJP Datasheet HTML 11Page - Microchip Technology COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 9
Revision 12-05-06
DATASHEET
Chapter 3
Description of Pin Functions
PLCC PIN
NO.
NAME
SYMBOL
DESCRIPTION
MICROCONTROLLER INTERFACE
1-3
Address
0-2
A0/nMUX,
A1,A2/ALE
Input. On a non-multiplexed mode, A0-A2 are address
input bits. (A0 is the LSB) On a multiplexed address/data
bus, nMUX tied Low, A1 is left open, and ALE is tied to the
Address Latch Enable signal. A1 is connected to an internal
pull-up resistor.
4-6,8-12
Data 0-7
AD0-AD2, D3-D7
Input/Output. On a non-multiplexed bus, these signals are
used as the data lines for the device. On a multiplexed
address/data bus, AD0-AD2 act as the address lines
(latched by ALE) and as the low data lines for the device.
D3-D7 are always used for data only. These signals are
connected to internal pull-up resistors.
27
nRead/nData
Strobe
nRD/nDS
Input. On a 68XX-like bus, nDS is an active low signal
issued by the microcontroller as the data strobe signal to
strobe the data onto the bus. On a 80XX-like bus, nRD is
an active low signal issued by the microcontroller to
indicate a read operation.
26
nWrite/
Direction
nWR/DIR
Input. On a 68XX-like bus, DIR is issued by the
microcontroller as the Read/nWrite signal to determine the
direction of data transfer. In this case, a logic "1" selects a
read operation, while a logic "0" selects a write operation.
In this case, data is actually strobed by the nDS signal. On
an 80XX-like bus, nWR is an active low signal issued by
the microcontroller to indicate a write operation. In this
case, a logic "0" on this pin, when the COM20020ID is
accessed, enables data from the data bus to be written to
the device.
23
nReset in
nRESET
Input. This active low signal executes a hardware reset.
24
nInterrupt
nINTR
Output. This active low signal is generated by the
COM20020ID when an enabled interrupt condition occurs.
25
nChip Select
nCS
Input. This active low signal selects the COM20020ID for
an access.
TRANSMISSION MEDIA INTERFACE
19,18
nPulse 2,
nPulse 1
nPULSE2,
nPULSE1
Output (nPULSE1), Input/Output (nPULSE2). In Normal
Mode, these active low signals carry the transmit data
information, encoded in pulse format, as DIPULSE
waveform. When the device is in Backplane Mode, the
nPULSE1 signal driver is programmable (push/pull or open-
drain), while the nPULSE2 signal provides a clock with
frequency of double the data rate. nPULSE1 is connected
to a weak internal pull-up resistor on the open/drain driver
in backplane mode.
20
Receive In
RXIN
Input. This signal carries the receive data information from
the line transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com