Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 6 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 6 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 2Page - Microchip Technology COM20020ILJP Datasheet HTML 3Page - Microchip Technology COM20020ILJP Datasheet HTML 4Page - Microchip Technology COM20020ILJP Datasheet HTML 5Page - Microchip Technology COM20020ILJP Datasheet HTML 6Page - Microchip Technology COM20020ILJP Datasheet HTML 7Page - Microchip Technology COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology COM20020ILJP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 6
SMSC COM20020I Rev D
DATASHEET
Chapter 1
General Description
SMSC's COM20020ID is a member of the family of Embedded ARCNET Controllers from Standard
Microsystems Corporation. The device is a general purpose communications controller for networking
microcontrollers and intelligent peripherals in industrial, automotive, and embedded control environments
using an ARCNET
® protocol engine. The small 28 pin package, flexible microcontroller and media
interfaces, eight- page message support, and extended temperature range of the COM20020ID make it
the only true network controller optimized for use in industrial, embedded, and automotive applications.
Using an ARCNET protocol engine is the ideal solution for embedded control applications because it
provides a deterministic token-passing protocol, a highly reliable and proven networking scheme, and a
data rate of up to 5 Mbps when using the COM20020ID.
A token-passing protocol provides predictable response times because each network event occurs within a
predetermined time interval, based upon the number of nodes on the network. The deterministic nature of
ARCNET is essential in real time applications. The integration of the 2Kx8 RAM buffer on-chip, the
Command Chaining feature, the 5 Mbps maximum data rate, and the internal diagnostics make the
COM20020ID the highest performance embedded communications device available. With only one
COM20020ID and one microcontroller, a complete communications node may be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com