Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020ILJP Datasheet(PDF) 1 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 1 Page - Microchip Technology

  COM20020ILJP Datasheet HTML 1Page - Microchip Technology COM20020ILJP Datasheet HTML 2Page - Microchip Technology COM20020ILJP Datasheet HTML 3Page - Microchip Technology COM20020ILJP Datasheet HTML 4Page - Microchip Technology COM20020ILJP Datasheet HTML 5Page - Microchip Technology COM20020ILJP Datasheet HTML 6Page - Microchip Technology COM20020ILJP Datasheet HTML 7Page - Microchip Technology COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
SMSC COM20020I Rev D
Page 1
Revision 12-05-06
DATASHEET
COM20020I Rev D
5Mbps ARCNET (ANSI
878.1) Controller with
2K x 8 On-Chip RAM
Datasheet
Product Features
New Features for Rev. D
− Data Rates up to 5 Mbps
− Programmable Reconfiguration Times
28 Pin PLCC and 48 Pin TQFP Packages;
Lead-free RoHS Compliant Packages also
Available
Ideal for Industrial/Factory/Building
Automation and Transportation Applications
Deterministic, (ANSI 878.1), Token Passing
ARCNET Protocol
Minimal Microcontroller and Media Interface
Logic Required
Flexible Interface For Use With All
Microcontrollers or Microprocessors
Automatically Detects Type of
Microcontroller Interface
2Kx8 On-Chip Dual Port RAM
Command Chaining for Packet Queuing
Sequential Access to Internal RAM
Software Programmable Node ID
Eight, 256 Byte Pages Allow Four Pages TX
and RX Plus Scratch-Pad Memory
Next ID Readable
Internal Clock Scaler and Clock Multiplier for
Adjusting Network Speed
Operating Temperature Range of -40
oC to
+85
oC
Self-Reconfiguration Protocol
Supports up to 255 Nodes
Supports Various Network Topologies (Star,
Tree, Bus...)
CMOS, Single +5V Supply
Duplicate Node ID Detection
Powerful Diagnostics
Receive All Packets Mode
Flexible Media Interface:
− Traditional Hybrid Interface For Long
Distances up to Four Miles at 2.5 Mbps
− RS485 Differential Driver Interface For Low
Cost, Low Power, High Reliability
ORDERING INFORMATION
Order Numbers:
COM20020ILJP for 28 pin PLCC package
COM20020I-DZD for 28 pin PLCC lead-free RoHS compliant package
COM20020I-HD for 48 pin TQFP package
COM20020I-HT for 48 pin TQFP lead-free RoHS compliant package


Similar Part No. - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020ILJP SMSC-COM20020ILJP Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
340Kb / 72P
COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
COM20020ILJP3V SMSC-COM20020ILJP3V Datasheet
536Kb / 82P
Universal Local Area Network Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20020ILJP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com