Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 13 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 13 Page - ams AG

Back Button AS3643 Datasheet HTML 9Page - ams AG AS3643 Datasheet HTML 10Page - ams AG AS3643 Datasheet HTML 11Page - ams AG AS3643 Datasheet HTML 12Page - ams AG AS3643 Datasheet HTML 13Page - ams AG AS3643 Datasheet HTML 14Page - ams AG AS3643 Datasheet HTML 15Page - ams AG AS3643 Datasheet HTML 16Page - ams AG AS3643 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
12 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Short Circuit Protection
After the startup of the DCDC converter, the voltage on LED_OUT1/2 is continuously monitored and compared against
VLEDSHORT if the LED current is above 20mA
7(see Figure 18). If the voltage across the LED (VFLED = VOUT1/2-
LED_OUT1/2) stays below VLEDSHORT, the DCDC is stopped (as a shorted LED is assumed), the current sinks are dis-
abled and the bit fault_led_short (see page 25) is set.
Figure 18. Short LED detection
Overtemperature Protection
The junction temperature of the AS3643 is continuously monitored. If the temperature exceeds TOVTEMP, the DCDC is
stopped, the current sinks are disabled (instantaneous) and the bit fault_overtemp (see page 25) is set. The driver is
automatically re-enabled
8 once the junction temperature drops below TOVTEMP-TOVTEMPHYST.
TXMASK event occurred
If during flash, TXMASK current reduction is enabled (see TXMASK on page 15, configured by ext_torch_on=01) and
a TXMASK event happened (pin TXMASK/TORCH=1), the fault register bit fault_txmask (see page 25) is set.
Flash Timeout
If the flash is started a timeout timer is started in parallel. If the flash duration defined by the STROBE input (strobe_on
= 1 and strobe_type = 1, see Figure 25 on page 17) exceeds tFLASHTIMEOUT (adjustable by register flash_timeout (see
page 24)), the DCDC is stopped and the flash current sinks (on pin LED_OUT1/2) are disabled and fault_timeout is
set.
If the flash duration is defined by the timeout timer itself (strobe_on = 0, see Figure 23 on page 17), the register
fault_timeout is set after the flash has been finished.
Supply undervoltage Protection
If the voltage on the pin VIN (=battery voltage) is or falls below VUVLO, the AS3643 is kept in shutdown state and all
registers are set to their default state.
Wakeup Circuit - Power off detection
In flash, assist light and indicator mode (register mode_setting (page 24)=01, 10 or 11) and out_on (page 24)=1, if SCL
is L for more than tTIMEOUT, shutdown mode is automatically entered. This feature automatically detects a power-off of
the controlling circuit driving SCL and SDA (VDD_I/F goes to 0V e.g. due to a low power condition of the driving circuit)
- the internal circuit is shown in Figure 19:
7. To avoid errors in short LED detection for LEDs with a high leakage current
8. In constant voltage mode (const_v_mode=1) the DCDC will not be automatically re-enabled.

    


   
 !"!  ##
  !
!$
 %
 & 
!
 '



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com