Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 29 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 29 Page - ams AG

Back Button AS3643 Datasheet HTML 25Page - ams AG AS3643 Datasheet HTML 26Page - ams AG AS3643 Datasheet HTML 27Page - ams AG AS3643 Datasheet HTML 28Page - ams AG AS3643 Datasheet HTML 29Page - ams AG AS3643 Datasheet HTML 30Page - ams AG AS3643 Datasheet HTML 31Page - ams AG AS3643 Datasheet HTML 32Page - ams AG AS3643 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
28 - 33
AS3643
Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
External Components
Input Capacitor CVIN
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic
capacitors are required for input decoupling and should be located as close to the device as is practical.
If a different input capacitor is chosen, ensure similar ESR value and at least 3µF capacitance at the maximum input
supply voltage. Larger capacitor values (C) may be used without limitations.
Add a smaller capacitor in parallel to the input pin VIN (e.g. Murata GRM155R61C104, >50nF @ 3V, 0402 size).
Output Capacitor CVOUT
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. The capacitor should be located as close to the
device as is practical.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide voltage and temperature
range.
If a different output capacitor is chosen, ensure similar ESR values and at least 4.2µF capacitance at 5V output volt-
age.
Table 22. Recommended Input Capacitor
Part Number
C
TC Code
Rated
Voltage
Size
Manufacturer
GRM188R60J106ME47
10µ
>3µF@4.5V
>2µF@5.25V
X5R
6V3
0603
Murata
www.murata.com
LMK107BBJ106MA
10µ
>3µF@4.5V
X5R
6V3
0603
Taiyo Yuden
www.t-yuden.com
Table 23. Recommended Output Capacitor
Part Number
C
TC Code
Rated
Voltage
Size
Manufacturer
GRM219R61A116U
10µF +/-10%
>4.2µF@5V
X5R
10V
0805
Murata
www.murata.com
GRM188R60J106ME84
1
1. Use only for VLED < 3.75V
10µF +/-20%
>4.2µF@4V
X5R
6.3V
0603
(1.6x0.8x0.85mm
max. 0.95mm
height)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com