Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 3 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 3 Page - ams AG

  AS3643 Datasheet HTML 1Page - ams AG AS3643 Datasheet HTML 2Page - ams AG AS3643 Datasheet HTML 3Page - ams AG AS3643 Datasheet HTML 4Page - ams AG AS3643 Datasheet HTML 5Page - ams AG AS3643 Datasheet HTML 6Page - ams AG AS3643 Datasheet HTML 7Page - ams AG AS3643 Datasheet HTML 8Page - ams AG AS3643 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
2 - 33
AS3643
Datasheet, Confidential - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. Pin Description for AS3643
Pin Number
Pin Name
Description
A1
VOUT1
DCDC converter output capacitor - make a short connection to CVOUT / VOUT2
A2
GND
Power and analog ground; make a short connection between both balls
A3
LED_OUT1
Flash LED current sink
B1
SW1
DCDC converter switching node - make a short connection to SW2 / coil LDCDC
B2
GND
Power and analog ground; make a short connection between both balls
C1
VOUT2
DCDC converter output capacitor - make a short connection to CVOUT / VOUT1
C2
SW2
DCDC converter switching node - make a short connection to SW1 /coil LDCDC
C3
LED_OUT2
Flash LED current sink
D1
SCL
serial clock input for I
2C interface
D2
VIN
Positive supply voltage input - connect to supply and make a short connection
to input capacitor CVIN and to coil LDCDC
E1
SDA
serial data input/output for I
2C interface (needs external pullup resistor)
E2
STROBE
Digital input with pulldown to control strobe time for flash function
E3
TXMASK/
TORCH
Function 1: Connect to RF power amplifier enable signal - reduces currents
during flash to avoid a system shutdown due to parallel operation of the RF PA
and the flash driver
Function 2: Operate torch current level without using the I
2C interface to
operate the torch without need to start a camera processor (if the I
2C is
connected to the camera processor









   !
 "  #$
# %  &









 



'

() *"
'+
AS3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com