Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 16 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 16 Page - ams AG

Back Button AS3643 Datasheet HTML 12Page - ams AG AS3643 Datasheet HTML 13Page - ams AG AS3643 Datasheet HTML 14Page - ams AG AS3643 Datasheet HTML 15Page - ams AG AS3643 Datasheet HTML 16Page - ams AG AS3643 Datasheet HTML 17Page - ams AG AS3643 Datasheet HTML 18Page - ams AG AS3643 Datasheet HTML 19Page - ams AG AS3643 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
15 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Flash Current Reductions
TXMASK
Usually the flash current is defined by the register led_current . If the TXMASK/TORCH input is used and (configured
by ext_torch_on=01), the flash current is reduced to flash_txmask_current if TXMASK/TORCH=1.
Current Reduction by VIN measurements in Flash Mode
Due to the high load of the flash driver and the ESR of the battery (especially critical at low temperatures), the voltage
on the battery drops. If the voltage drops below the reset threshold of the system would reset. To prevent this condition
the AS3643 monitors the battery voltage and keeps it above vin_low_v_run as follows:
Before a flash is started the voltage on VIN is measured. If the voltage is below the setting of vin_low_v the fault_uvlo
(see page 25) is set and the flash is disabled (driver stays in shutdown) if vin_low_v_shutdown=1. The flash current is
reduced to flash_txmask_current if vin_low_v_shutdown=0.
During flash, if the voltage on VIN drops below the threshold defined by vin_low_v_run, the flash current is reduced (or
ramping of the current is stopped during flash current startup) and fault_uvlo is set. The timing for the reduction of the
current is 8µs/LSB current change.
During the flash pulse the actual used current can be readout by the register led_current_actual.
After the flash pulse the minimum current can be readout by the register led_current_min - this allows to adjust the
camera sensitivity (gain or iso-settings) for the subsequent flash pulse (e.g. when using a pre-flash and a main flash
pulse).
The internal circuit for low voltage current reductions are shown in Figure 20:
Figure 20. Low Voltage current Reduction Internal Circuit
A mobile phone camera flash system can trigger a diagnostic flash and a main-flash:
The diagnostic flash is initiated by the processor. After this diagnostic flash, the determined maximum flash current can
be read back through the I
2C interface from register led_current_min (see page 26) and used for the setting for the
main flash. Therefore the current in the main-flash is constant and additionally the camera system can use this current
for picture quality adjustments - the waveforms for this concept are shown in Figure 21:







  
 

!" !#$
%"&  '
(
) 
( *

( +

 
  ,- 
)
- -
(.
)
&
AS3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com