Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 30 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 30 Page - ams AG

Back Button AS3643 Datasheet HTML 26Page - ams AG AS3643 Datasheet HTML 27Page - ams AG AS3643 Datasheet HTML 28Page - ams AG AS3643 Datasheet HTML 29Page - ams AG AS3643 Datasheet HTML 30Page - ams AG AS3643 Datasheet HTML 31Page - ams AG AS3643 Datasheet HTML 32Page - ams AG AS3643 Datasheet HTML 33Page - ams AG AS3643 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
29 - 33
AS3643
Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
Inductor LDCDC
The fast switching frequency (4MHz) of the AS3643 allows for the use of small SMDs for the external inductor. The
saturation current ISATURATION should be chosen to be above the maximum value of ILIMIT
11. The inductor should have
very low DC resistance (DCR) to reduce the I
2R power losses - high DCR values will reduce efficiency.
If a different inductor is chosen, ensure similar DCR values and at least0.6µH inductance at ILIMIT.
PCB Layout Guideline
The high speed operation requires proper layout for optimum performance. Route the power traces first and try to min-
imize the area and wire length of the two high frequency/high current loops:
Loop1: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin GND - CVIN/CVIN2
Loop2: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin VOUT1/2 - CVOUT - pin GND - CVIN/CVIN2
11.Can be adjusted in I
2C mode with register coil_peak (see page 22)
Table 24. Recommended Inductor
Part Number
L
DCR
ISATURATION
Size
Manufacturer
C3-P1.5R
1.5µH
58m
2.4A@25ºC,
2.0A
1
1. Do not exceed maximum ISATURATION - can be ensured by setting coil_peak (will limit LED current)
3x3x1.5mm
(height is
max.)
Mitsumi
www.mitsumi.com
LQM32PN1R0MG0
1.0µH
>0.6µH @ 3.0A
60m
3.0A
3.2x2.5x0.9
mm
max 1.0mm
height
Murata
www.murata.com
LQM2HPN1R0MGC
1.0µH
>0.6µH @ 2.0A
100m
1.5A (2.0A)
2
2. Flash cycle limit: 150ms on, 500ms off; repeat maximum 50 times.(if used with default coil_peak=0b (2A))
2.5x2.0x0.9
mm
max 1.00mm
height
CIG32W1R0MNE
1.0µH
>0.7µH @ 2.7A
>0.6µH @ 3.0A
60m
+/-25%
3.0A
3.2x2.5mm
max 1.0mm
height
Samsung Electro-
Mechancs
www.sem.samsung.co.kr
NRH2412T1R0N
1.0µH
>0.6µH @ 2.5A
77m
2.5A
2.4x2.4x1.2
mm (height
is max.)
Taiyo Yuden
www.t-yuden.com
CKP3225N1R0M
1.0µH
>0.6µH @ 3.0A
<60m
3.0A
3.2x2.5x0.9
mm
max 1.0mm
height
MAMK2520T1R0M
1.0µH
>0.6µH @ 2.75A
45m
3.0A
2.5x2.0x1.2
mm
height is max
MDMK2020T1R0M
1.0µH
>0.6µH @ 2.75A
56m
2.55A
2.0x2.0x1.2
mm
height is max
MAKK2016T1R0M
1.0µH
>0.6µH @ 2.75A
65m
2.0A
3
3. Set current limit to 2A ()coil_peak=10b) - can limit maximum output current.
2.0x1.6x1.0
mm
height is max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com