Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 17 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 17 Page - ams AG

Back Button AS3643 Datasheet HTML 13Page - ams AG AS3643 Datasheet HTML 14Page - ams AG AS3643 Datasheet HTML 15Page - ams AG AS3643 Datasheet HTML 16Page - ams AG AS3643 Datasheet HTML 17Page - ams AG AS3643 Datasheet HTML 18Page - ams AG AS3643 Datasheet HTML 19Page - ams AG AS3643 Datasheet HTML 20Page - ams AG AS3643 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
16 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 21. Low Voltage current Reduction Waveform with diagnostic-Flash and Main-Flash Phase
If the diagnostic flash should be short (e.g. 10ms) it is recommended to operate this diagnostic flash at slightly higher
vin_low_v_run setting compared to the main flash as shown in Figure 22:
Figure 22. Low Voltage current Reduction Waveform with short diagnostic-Flash and Main-Flash Phase
The different settings for vin_low_v_run allow a constant main flash current without dropping VIN below vin_low_v_run.
Flash Strobe Timings
The flash timing are defined as follows:
1. Flash duration defined by register flash_timeout and flash is started immediately when this mode is selected by
the I
2C command (see Figure 23):
set strobe_on = 0, start the flash by setting out_on = 1
2. Flash duration defined by register flash_timeout and flash started with a rising edge on pin STROBE (see Fig-
ure 24):
set strobe_on = 1 and strobe_type = 0
3. Flash start and timing defined by the pin STROBE; the flash duration is limited by the timeout timer defined by
flash_timeout (see Figure 25 and Figure 26):
set strobe_on = 1 and strobe_type = 1

   

  
 
!
"  #
!
$ 
%   

 


    
% % 
  
& '  
(  
  
   
"   #

   

  
 
!
"  #
!
$ 
%   

 


    
% % 
  
& '  
(  
   %   %
 % %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com