Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 6 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 6 Page - ams AG

Back Button AS3643 Datasheet HTML 2Page - ams AG AS3643 Datasheet HTML 3Page - ams AG AS3643 Datasheet HTML 4Page - ams AG AS3643 Datasheet HTML 5Page - ams AG AS3643 Datasheet HTML 6Page - ams AG AS3643 Datasheet HTML 7Page - ams AG AS3643 Datasheet HTML 8Page - ams AG AS3643 Datasheet HTML 9Page - ams AG AS3643 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
5 - 33
AS3643
Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
VVOUTMAX
VVOUT overvoltage
protection
DCDC Converter Overvoltage Protection
5.0
5.3
5.6
V
ILIMIT
Current Limit for coil
LDCDC (Pin SW)
measured at 40%
PWM duty cycle
3
maximum 40000s
lifetime operation in
overcurrent limit
coil_peak=00b
1.0
A
coil_peak=01b
1.5
default value
coil_peak=10b
1.8
2.0
2.23
coil_peak=11b
2.5
VLEDSHORT
Flash LED short
circuit detection
voltage
Voltage measured between pins VOUT1,2 and
LED_OUT1,2
1.0
V
TOVTEMP
Overtemperature
Protection
Junction temperature
144
ºC
TOVTEMPHY
ST
Overtemperature
Hysteresis
5ºC
tFLASHTIMEO
UT
Flash Timeout Timer
Can be adjusted with register
flash_timeout (page 24)
2
1280
ms
accuracy
-7.5
+7.5
%
VUVLO
Undervoltage Lockout
Falling VVIN
2.25
2.4
2.5
V
Rising VVIN
VUVLO
+0.05
VUVLO
+0.1
VUVLO
+0.15
V
Digital Interface
VIH
High Level Input
Voltage
Pins SCL, SDA.
Pin TXMASK/TORCH in external torch mode
(ext_torch_on=10)
1.26
VVIN
V
VIL
Low Level Input
Voltage
0.0
0.54
V
VIHFLASH
High Level Input
Voltage
Pin STROBE.
Pin TXMASK/TORCH for TxMask mode
(ext_torch_on=01)
4
0.7
VVIN
V
VILFLASH
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
pin SDA, IOL=3mA
0.3
V
ILEAK
Leakage current
Pins SCL, SDA
-1.0
0.0
+1.0
µA
IPD
Pulldown current to
GND
5
Pins TORCH, STROBE and TXMASK/TORCH
36
µA
tDEBTORCH
TORCH debounce
time
6.3
9
11.7
ms
tTIMEOUT
SCL timeout
In indicator, assist or flash mode, if SCL is low
longer than this timeout, the AS3643
automatically enters shutdown mode
35
100
ms
I
2C mode timings - see Figure 3 on page 7
fSCLK
SCL Clock Frequency
1/
tTIMEO
UT
400
kHz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
6
0.6
µs
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com