Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 5 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 5 Page - ams AG

  AS3643 Datasheet HTML 1Page - ams AG AS3643 Datasheet HTML 2Page - ams AG AS3643 Datasheet HTML 3Page - ams AG AS3643 Datasheet HTML 4Page - ams AG AS3643 Datasheet HTML 5Page - ams AG AS3643 Datasheet HTML 6Page - ams AG AS3643 Datasheet HTML 7Page - ams AG AS3643 Datasheet HTML 8Page - ams AG AS3643 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
4 - 33
AS3643
Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VVIN = +2.7V to +4.4V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VVIN = +3.7V, TAMB =
+25ºC, unless otherwise specified.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VVIN
Supply Voltage
pin VIN
2.7
3.7
4.4
V
VVINREDUCE
D_FUNC
Supply Voltage
AS3643 functionally working, but not all
parameters fulfilled
2.5
2.7
V
4.4
5.5
ISHUTDOWN
Shutdown Current
TXMASK/TORCH=L, SCL=SDA=0V,
VVIN<3.7V
0.6
2.0
µA
ISTANBY
Standby Current
interface active, TXMASK/TORCH=L,
VVIN<3.7V
1
1.0
10
µA
TAMB
Operating
Temperature
-30
25
85
ºC
Eta
Application Efficiency
(DCDC and current
sink)
LCOIL=0.6µH@3A, LESR=60m
,
LED_OUT1,2=1300mA
2, tFLASH<300ms
84
%
DCDC Step Up Converter
VVOUT
DCDC Boost output
Voltage
(pin VOUT1/2)
2.8
5.5
V
VVOUT5V
DCDC Boost output
Voltage
(pin VOUT1/2)
constant voltage mode operation
const_v_mode (see page 23)=1
5.0
V
RPMOS
On-resistance
DCDC internal PMOS switch
70
m
RNMOS
On-resistance
DCDC internal NMOS switch
70
m
fCLK
Operating Frequency
All internal timings are derived from this
oscillator
-7.5%
4.0
+7.5% MHz
Current Sinks
VLED
LED forward voltage
single LED at 1300mA
2.8
3.4
4.2
V
ILED_OUT
LED_OUT1/2 current
sinks output combined
single LED
0
1300
mA
ILED_OUT
LED_OUT1/2 current
sink accuracy
ILED_OUT>650mA or ILED_OUT<500mA
0ºC < TJ < 100ºC
-7
+7
%
500mA<ILED_OUT<650mA, 0ºC < TJ < 100ºC
-5
+5
%
ILED_OUT
RAMP
LED_OUT1/2 ramp
time
Ramp-up During startup
250
1000
µs
Ramp-down
500
1000
µs
ILED_OUT
RIPPLE
LED_OUT current
ripple
ILED_OUT = 1000mA, BW=20MHz
20
mAPP
VILED_COMP
LED_OUT current
sink voltage
compliance
Minimum voltage between pin LED_OUT1/2
and GND for operation of the current sink
286
mV
VHIGH_VDS Comparator High VDS low vds and high vds comparator - see 4MHz/
1MHz Operating Mode Switching on page 11
870
mV
VLOW_VDS
Comparator Low VDS
280
ILEAK_
LED_OUT
LED_OUT1/2
Leakage Current
Pins LED_OUT1 and LED_OUT2
-1.0
0.0
+1.0
µA
Protection and Fault Detection Functions (see page 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com