Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 23 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 23 Page - ams AG

Back Button AS3643 Datasheet HTML 19Page - ams AG AS3643 Datasheet HTML 20Page - ams AG AS3643 Datasheet HTML 21Page - ams AG AS3643 Datasheet HTML 22Page - ams AG AS3643 Datasheet HTML 23Page - ams AG AS3643 Datasheet HTML 24Page - ams AG AS3643 Datasheet HTML 25Page - ams AG AS3643 Datasheet HTML 26Page - ams AG AS3643 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
22 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 9. TXMask Register
Addr: 3
TXMask Register
This register defines the TXMask settings and coil peak current
Bit
Bit Name
Default Access
Description
1:0
ext_torch_on
00
R/W
Defines operating mode for input pin TXMASK/TORCH
00
pin has no effect
01
txmask-mode; during flash if TXMASK/TORCH=1, the
LED current is set to flash_txmask_current - (see
TXMASK on page 15)
10
external torch mode: if TXMASK/TORCH=1 and
mode_setting=00, the AS3643is set into external
torch mode (LED current is defined by the 7LSB
1 bits
of led_current )
11
don’t use
3:2
coil_peak
10
R/W
Defines the maximum coil current (parameter ILIMIT)
00
ILIMIT = 1.0A
01
ILIMIT = 1.5A
10
ILIMIT = 2.0A
11
ILIMIT = 2.5A
7:4
flash_txmask_current
2
6h
R/W
Define the current on pin LED_OUT1/2 in flash mode if
ext_torch_on=01 and TXMASK/TORCH=1
0h
0mA
1h
82mA
2h
163mA
3h
245mA
4h
326mA
5h
408mA
6h
489mA - default
7h
571mA
8h
653mA
9h
734mA
Ah
816mA
Bh
897mA
Ch
979mA
Dh
1060mA
Eh
1142mA
Fh
1224mA
1. The MSB bit of this register not used to protect the LED; therefore the maximum current = half the maximum
flash current
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com