Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3643 Datasheet(PDF) 14 Page - ams AG

Part # AS3643
Description  1300mA High Current LED Flash Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3643 Datasheet(HTML) 14 Page - ams AG

Back Button AS3643 Datasheet HTML 10Page - ams AG AS3643 Datasheet HTML 11Page - ams AG AS3643 Datasheet HTML 12Page - ams AG AS3643 Datasheet HTML 13Page - ams AG AS3643 Datasheet HTML 14Page - ams AG AS3643 Datasheet HTML 15Page - ams AG AS3643 Datasheet HTML 16Page - ams AG AS3643 Datasheet HTML 17Page - ams AG AS3643 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.austriamicrosystems.com/AS3643
1.5-4
13 - 33
AS3643
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 19. Device Shutdown and Wakeup
In shutdown mode once pin SCL goes high for the first time, the internal counter shown in Figure 19 is immediately
reset thus releasing the internal RESET (assuming VIN is above VUVLO) signal and allows instant communication on
the I
2C bus. Therefore no additional action is required to leave the shutdown mode and start I2C communication.
Purpose of this circuit
The purpose of this circuit is an additional security mechanism.
Assume the user programmed torch or indicator operation (there is no timeout for these operating modes) and the bat-
tery slowly drops below the undervoltage limit of the system. The processor would get an reset by the PMIC and the
LDO operating VDD_I/F is switched off, but the processor might not have been able to switch-off the torch/indicator
operation of the AS3643. Due to the implemented security mechanism the AS3643 detects a power off of VDD_I/F and
automatically enters shutdown.
Current consumption in standby/shutdown mode
The AS3643 is designed to draw minimum current in standby and shutdown mode. There is a small difference in cur-
rent consumption between these two operating modes (typ. 300nA) only due to the internal level shifters (see the
schmitt trigger input buffers connected to SCL and SDA in Figure 19) for shifting up the voltage on SCL/SDA (VDD_I/F
e.g. 1.8V) to the supply voltage on VIN (e.g. 3.7V). If the AS3643 is driven with digital levels close to 0V/VIN, the cur-
rent consumption for standby mode is identical to shutdown mode.



 
 
  
  
   
!!"
  
" #!$%"
!!"
"& 

$
' (  )(*
)) )  (  
+
& +
AS3643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com