Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 49 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 49 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 45Page - Texas Instruments V6212615-01XE-R Datasheet HTML 46Page - Texas Instruments V6212615-01XE-R Datasheet HTML 47Page - Texas Instruments V6212615-01XE-R Datasheet HTML 48Page - Texas Instruments V6212615-01XE-R Datasheet HTML 49Page - Texas Instruments V6212615-01XE-R Datasheet HTML 50Page - Texas Instruments V6212615-01XE-R Datasheet HTML 51Page - Texas Instruments V6212615-01XE-R Datasheet HTML 52Page - Texas Instruments V6212615-01XE-R Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 6-1. 4B5B Code-Group Encoding or Decoding
DATA CODES
0
11110
0000
1
01001
0001
2
10100
0010
3
10101
0011
4
01010
0100
5
01011
0101
6
01110
0110
7
01111
0111
8
10010
1000
9
10011
1001
A
10110
1010
B
10111
1011
C
11010
1100
D
11011
1101
E
11100
1110
F
11101
1111
IDLE AND CONTROL CODES
H
00100
HALT code-group - Error code
I
11111
Inter-Packet IDLE - 0000(1)
J
11000
First Start of Packet - 0101(1)
K
10001
Second Start of Packet - 0101(1)
T
01101
First End of Packet - 0000(1)
R
00111
Second End of Packet - 0000(1)
INVALID CODES
V
00000
V
00001
V
00010
V
00011
V
00101
V
00110
V
01000
V
01100
(1)
Control code-groups I, J, K, T and R in data fields will be mapped as invalid codes, together with RX_ER asserted.
6.1.1
Code-Group Encoding and Injection
The code-group encoder converts 4-bit (4B) nibble data generated by the MAC into 5-bit (5B) code-groups
for transmission. This conversion is required to allow control data to be combined with packet data code-
groups.
The code-group encoder substitutes the first 8-bits of the MAC preamble with a J/K code-group pair
(11000 10001) upon transmission. The code-group encoder continues to replace subsequent 4B preamble
and data nibbles with corresponding 5B code-groups. At the end of the transmit packet, upon the
deassertion of transmit enable signal from the MAC, the code-group encoder injects the T/R code-group
pair (01101 00111) indicating the end of the frame.
After the T/R code-group pair, the code-group encoder continuously injects IDLEs into the transmit data
stream until the next transmit packet is detected (reassertion of transmit enable).
Copyright © 2012–2013, Texas Instruments Incorporated
ARCHITECTURE
49
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com