Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 20 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 20 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 16Page - Texas Instruments V6212615-01XE-R Datasheet HTML 17Page - Texas Instruments V6212615-01XE-R Datasheet HTML 18Page - Texas Instruments V6212615-01XE-R Datasheet HTML 19Page - Texas Instruments V6212615-01XE-R Datasheet HTML 20Page - Texas Instruments V6212615-01XE-R Datasheet HTML 21Page - Texas Instruments V6212615-01XE-R Datasheet HTML 22Page - Texas Instruments V6212615-01XE-R Datasheet HTML 23Page - Texas Instruments V6212615-01XE-R Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
T2.2.4
T2.2.1
32 clocks
T2.2.2
T2.2.3
Input
Output
V
CC
X1 clock
Hardware
RESET_N
MDC
Latch-in of hardware
configuration pins
Dual function pins
become enabled as outputs
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.5.2
Reset Timing
Figure 3-3. Reset Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.2.1
Post RESET Stabilization time prior to
MDIO is pulled high for 32-bit serial
3
µs
MDC preamble for register accesses
management initialization
T2.2.2
Hardware Configuration Latchin Time
Hardware Configuration Pins are described
3
µs
from the Deassertion of RESET (either
in the Pin Description section
soft or hard)
T2.2.3
Hardware Configuration pins transition
50
ns
to output drivers
T2.2.4
RESET pulse width
X1 Clock must be stable for at min. of 1µs
1
µs
during RESET pulse low time
(1)
It is important to choose pull-up and/or pull-down resistors for each of the hardware configuration pins that provide fast RC time
constants in order to latch-in the proper value prior to the pin transitioning to an output driver.
20
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com