Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 77 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 77 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments V6212615-01XE-R Datasheet HTML 76Page - Texas Instruments V6212615-01XE-R Datasheet HTML 77Page - Texas Instruments V6212615-01XE-R Datasheet HTML 78Page - Texas Instruments V6212615-01XE-R Datasheet HTML 79Page - Texas Instruments V6212615-01XE-R Datasheet HTML 80Page - Texas Instruments V6212615-01XE-R Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
9.3.3
MII Interrupt Status and Miscellaneous Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since
the last read of this register, the corresponding status bit will be set. If the corresponding enable bit in the
register is set, an interrupt will be generated if the event occurs. The MICR register controls must also be
set to allow interrupts. The status indications in this register will be set even if the interrupt is not enabled.
Table 9-14. MII Interrupt Status and Miscellaneous Control Register (MISR), Address 0x12
BIT
BIT NAME
DEFAULT
DESCRIPTION
15
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
Energy Detect interrupt:
1 = Energy detect interrupt is pending and is cleared by the current
14
ED_INT
0, RO/COR
read
0 = No energy detect interrupt pending
Change of Link Status interrupt:
1 = Change of link status interrupt is pending and is cleared by the
13
LINK_INT
0, RO/COR
current read
0 = No change of link status interrupt pending
Change of speed status interrupt:
1 = Speed status change interrupt is pending and is cleared by the
12
SPD_INT
0, RO/COR
current read
0 = No speed status change interrupt pending
Change of duplex status interrupt:
1 = Duplex status change interrupt is pending and is cleared by the
11
DUP_INT
0, RO/COR
current read
0 = No duplex status change interrupt pending
Auto-Negotiation Complete interrupt:
1 = Auto-negotiation complete interrupt is pending and is cleared by
10
ANC_INT
0, RO/COR
the current read
0 = No Auto-negotiation complete interrupt pending
False Carrier Counter half-full interrupt:
1 = False carrier counter half-full interrupt is pending and is cleared by
9
FHF_INT
0, RO/COR
the current read
0 = No false carrier counter half-full interrupt pending
Receive Error Counter half-full interrupt:
1 = Receive error counter half-full interrupt is pending and is cleared
8
RHF_INT
0, RO/COR
by the current read
0 = No receive error carrier counter half-full interrupt pending
7
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
6
ED_INT_EN
0, RW
Enable Interrupt on energy detect event
5
LINK_INT_EN
0, RW
Enable Interrupt on change of link status
4
SPD_INT_EN
0, RW
Enable Interrupt on change of speed status
3
DUP_INT_EN
0, RW
Enable Interrupt on change of duplex status
2
ANC_INT_EN
0, RW
Enable Interrupt on Auto-negotiation complete event
1
FHF_INT_EN
0, RW
Enable Interrupt on False Carrier Counter Register half-full event
0
RHF_INT_EN
0, RW
Enable Interrupt on Receive Error Counter Register half-full event
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
77
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com