Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 73 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 73 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 69Page - Texas Instruments V6212615-01XE-R Datasheet HTML 70Page - Texas Instruments V6212615-01XE-R Datasheet HTML 71Page - Texas Instruments V6212615-01XE-R Datasheet HTML 72Page - Texas Instruments V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments V6212615-01XE-R Datasheet HTML 76Page - Texas Instruments V6212615-01XE-R Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 9-9. Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page), Address
0x05 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word
0 = Not acknowledged
14
ACK
0, RO
The Auto-Negotiation state machine will automatically control the this
bit based on the incoming FLP bursts. Software should not attempt to
write to this bit.
Message Page:
13
MP
0, RO
1 = Message Page
0 = Unformatted Page
Acknowledge 2:
1 = Link Partner does have the ability to comply to next page
12
ACK2
0, RO
message
0 = Link Partner does not have the ability to comply to next page
message
Toggle:
11
Toggle
0, RO
1 = Previous value of the transmitted Link Code word equalled 0
0 = Previous value of the transmitted Link Code word equalled 1
Code:
This field represents the code field of the next page transmission. If
the MP bit is set (bit 13 of this register), then the code shall be
10:0
CODE
<000 0000 0000>, RO
interpreted as a “Message Page,” as defined in annex 28C of Clause
28. Otherwise, the code shall be interpreted as an “Unformatted
Page,” and the interpretation is application specific.
9.2.8
Auto-Negotiate Expansion Register (ANER)
This register contains additional local device and link partner status information.
Table 9-10. Auto-Negotiate Expansion Register (ANER), Address 0x06
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:5
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
Parallel Detection Fault:
4
PDF
0, RO
1 = A fault has been detected via the Parallel Detection function
0 = A fault has not been detected
Link Partner Next Page Able:
3
LP_NP_ABLE
0, RO
1 = Link Partner does support Next Page
0 = Link Partner does not support Next Page
Next Page Able:
2
NP_ABLE
1, RO/P
1 = Indicates local device is able to send additional “Next Pages”
Link Code Word Page Received:
1
PAGE_RX
0, RO/COR
1 = Link Code Word has been received, cleared on a read
0 = Link Code Word has not been received
Link Partner Auto-Negotiation Able:
0
LP_AN_ABLE
0, RO
1 = indicates that the Link Partner supports Auto-Negotiation
0 = indicates that the Link Partner does not support Auto-Negotiation
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
73
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com