Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 26 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 26 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 22Page - Texas Instruments V6212615-01XE-R Datasheet HTML 23Page - Texas Instruments V6212615-01XE-R Datasheet HTML 24Page - Texas Instruments V6212615-01XE-R Datasheet HTML 25Page - Texas Instruments V6212615-01XE-R Datasheet HTML 26Page - Texas Instruments V6212615-01XE-R Datasheet HTML 27Page - Texas Instruments V6212615-01XE-R Datasheet HTML 28Page - Texas Instruments V6212615-01XE-R Datasheet HTML 29Page - Texas Instruments V6212615-01XE-R Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 92 page
background image
RX_CLK
RXD[3:0]
RX_DV
Valid data
T2.12.2
T2.12.3
T2.12.1
T2.12.1
TX_CLK
TXD[3:0]
TX_EN
Valid data
T2.11.1
T2.11.1
T2.11.2
T211.3
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.5.11 10 Mb/s MII Transmit Timing
Figure 3-12. 10 Mb/s MII Transmit Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.11.1
TX_CLK High/Low Time
10 Mb/s MII mode
190
200
210
ns
T2.11.2
TXD[3:0], TX_EN Data Setup to
10 Mb/s MII mode
24.70
ns
TX_CLK fall
T2.11.3
TXD[3:0], TX_EN Data Hold from
10 Mb/s MII mode
0
ns
TX_CLK rise
(1)
An attached Mac should drive the transmit signals using the positive edge of TX_CLK. As shown above, the MII signals are sampled on
the falling edge of TX_CLK.
3.5.12 10 Mb/s MII Receive Timing
Figure 3-13. 10 Mb/s MII Receive Timing
xxx
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.12.1
RX_CLK High/Low Time
160
200
240
ns
T2.12.2
RX_CLK to RXD[3:0], RX_DV
10 Mb/s MII mode
100
ns
Delay
T2.12.3
RX_CLK rising edge delay from
10 Mb/s MII mode
100
ns
RXD[3:0], RX_DV Valid
(1)
RX_CLK may be held low for a longer period of time during transition between reference and recovered clocks. Minimum high and low
times will not be violated.
26
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com