Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 60 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 60 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 56Page - Texas Instruments V6212615-01XE-R Datasheet HTML 57Page - Texas Instruments V6212615-01XE-R Datasheet HTML 58Page - Texas Instruments V6212615-01XE-R Datasheet HTML 59Page - Texas Instruments V6212615-01XE-R Datasheet HTML 60Page - Texas Instruments V6212615-01XE-R Datasheet HTML 61Page - Texas Instruments V6212615-01XE-R Datasheet HTML 62Page - Texas Instruments V6212615-01XE-R Datasheet HTML 63Page - Texas Instruments V6212615-01XE-R Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
.1 µF
10 µF
Pin 23 (PFBOUT)
.1 µF
.1 µF
Pin 18 (PFBIN1)
Pin 37 (PFBIN2)
+
-
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
Table 7-3. 25 MHz Crystal Specification
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Frequency
25
MHz
Frequency tolerance
±50
ppm
Operational temperature
Frequency stability
±50
ppm
1 year aging
Load capacitance
25
40
pF
7.4
Power Feedback Circuit
To ensure correct operation for the DP83848, parallel caps with values of 10
μF (Tantalum) and 0.1 μF
should be placed close to pin 23 (PFBOUT) of the device.
Pin 18 (PFBIN1) and pin 37 (PFBIN2) must be connected to pin 23 (PFBOUT), each pin requires a small
capacitor (.1
μF). See Figure 7-3 for proper connections.
Figure 7-3. Power Feedback Connection
7.5
Power Down and Interrupt
The power down and interrupt functions are multiplexed on pin 7 of the device. By default, this pin
functions as a power down input and the interrupt function is disabled. Setting bit 0 (INT_OE) of MICR
(0x11h) will configure the pin as an active low interrupt output.
7.5.1
Power Down Control Mode
The PWR_DOWN/INT pin can be asserted low to put the device in a power down mode. This is equivalent
to setting bit 11 (power down) in the basic mode control register, BMCR (0x00h). An external control
signal can be used to drive the pin low, overcoming the weak internal pull-up resistor. Alternatively, the
device can be configured to initialize into a power down state by use of an external pulldown resistor on
the PWR_DOWN/INT pin. Since the device will still respond to management register accesses, setting the
INT_OE bit in the MICR register will disable the PWR_DOWN/INT input, allowing the device to exit the
power down state.
7.5.2
Interrupt Mechanisms
The interrupt function is controlled via register access. All interrupt sources are disabled by default. Setting
bit 1 (INTEN) of MICR (0x11h) will enable interrupts to be output, dependent on the interrupt mask set in
the lower byte of the MISR (0x12h). The PWR_DOWN/INT pin is asynchronously asserted low when an
interrupt condition occurs. The source of the interrupt can be determined by reading the upper byte of the
MISR. One or more bits in the MISR will be set, denoting all currently pending interrupts. Reading of the
MISR clears ALL pending interrupts.
60
DESIGN GUIDELINES
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com