Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 24 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 24 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 20Page - Texas Instruments V6212615-01XE-R Datasheet HTML 21Page - Texas Instruments V6212615-01XE-R Datasheet HTML 22Page - Texas Instruments V6212615-01XE-R Datasheet HTML 23Page - Texas Instruments V6212615-01XE-R Datasheet HTML 24Page - Texas Instruments V6212615-01XE-R Datasheet HTML 25Page - Texas Instruments V6212615-01XE-R Datasheet HTML 26Page - Texas Instruments V6212615-01XE-R Datasheet HTML 27Page - Texas Instruments V6212615-01XE-R Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
PMD output pair
T2.8.1
T2.8.1
T2.8.1
T2.8.1
+1 rise
+1 fall
–1 fall
–1 rise
eye pattern
T2.8.2
T2.8.2
90%
10%
10%
90%
PMD output pair
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
3.5.8
100BASE-TX Transmit Timing (tR/F & Jitter)
Figure 3-9. 100BASE-TX Transmit Timing (tR/F & Jitter)
xxx
PARAMETER
DESCRIPTION
NOTES(1) (2)
MIN
TYP
MAX
UNIT
T2.8.1
100 Mb/s PMD Output Pair tR and tF
2.6
4
5.5
ns
100 Mb/s tR and tF Mismatch
500
ps
T2.8.2(3)
100 Mb/s PMD Output Pair Transmit
1.4
ns
Jitter
(1)
Normal Mismatch is the difference between the maximum and minimum of all rise and fall times.
(2)
Rise and fall times taken at 10% and 90% of the +1 or -1 amplitude.
(3)
Specified from -40°C to 125°C.
24
ELECTRICAL SPECIFICATIONS
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com