Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 72 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 72 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 68Page - Texas Instruments V6212615-01XE-R Datasheet HTML 69Page - Texas Instruments V6212615-01XE-R Datasheet HTML 70Page - Texas Instruments V6212615-01XE-R Datasheet HTML 71Page - Texas Instruments V6212615-01XE-R Datasheet HTML 72Page - Texas Instruments V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments V6212615-01XE-R Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
DP83848-EP
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
www.ti.com
9.2.6
Auto-Negotiation Link Partner Ability Register (ANLPAR) (BASE Page)
This register contains the advertised abilities of the link partner as received during auto-negotiation. The
content changes after the successful auto-negotiation if next-pages are supported.
Table 9-8. Auto-Negotiation Link Partner Ability Register (ANLPAR) (BASE Page), Address 0x05
BIT
BIT NAME
DEFAULT
DESCRIPTION
Next Page Indication:
15
NP
0, RO
0 = Link Partner does not desire Next Page Transfer
1 = Link Partner desires Next Page Transfer
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word
14
ACK
0, RO
0 = Not acknowledged
The Auto-Negotiation state machine will automatically control the this
bit based on the incoming FLP bursts.
Remote Fault:
13
RF
0, RO
1 = Remote Fault indicated by Link Partner
0 = No Remote Fault indicated by Link Partner
12
RESERVED
0, RO
RESERVED for Future IEEE use: Write as 0, read as 0
ASYMMETRIC PAUSE:
11
ASM_DIR
0, RO
1 = Asymmetric pause is supported by the Link Partner
0 = Asymmetric pause is not supported by the Link Partner
PAUSE:
10
PAUSE
0, RO
1 = Pause function is supported by the Link Partner
0 = Pause function is not supported by the Link Partner
100BASE-T4 Support:
9
T4
0, RO
1 = 100BASE-T4 is supported by the Link Partner
0 = 100BASE-T4 not supported by the Link Partner
100BASE-TX Full Duplex Support:
8
TX_FD
0, RO
1 = 100BASE-TX Full Duplex is supported by the Link Partner
0 = 100BASE-TX Full Duplex not supported by the Link Partner
100BASE-TX Support:
7
TX
0, RO
1 = 100BASE-TX is supported by the Link Partner
0 = 100BASE-TX not supported by the Link Partner
10BASE-T Full Duplex Support:
6
10_FD
0, RO
1 = 10BASE-T Full Duplex is supported by the Link Partner
0 = 10BASE-T Full Duplex not supported by the Link Partner
10BASE-T Support:
5
10
0, RO
1 = 10BASE-T is supported by the Link Partner
0 = 10BASE-T not supported by the Link Partner
Protocol Selection Bits:
4:0
Selector
<0 0000>, RO
Link Partner’s binary encoded protocol selector
9.2.7
Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page)
Table 9-9. Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page), Address 0x05
BIT
BIT NAME
DEFAULT
DESCRIPTION
Next Page Indication:
15
NP
0, RO
1 = Link Partner desires Next Page Transfer
0 = Link Partner does not desire Next Page Transfer
72
REGISTER BLOCK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com