Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 75 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 75 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 71Page - Texas Instruments V6212615-01XE-R Datasheet HTML 72Page - Texas Instruments V6212615-01XE-R Datasheet HTML 73Page - Texas Instruments V6212615-01XE-R Datasheet HTML 74Page - Texas Instruments V6212615-01XE-R Datasheet HTML 75Page - Texas Instruments V6212615-01XE-R Datasheet HTML 76Page - Texas Instruments V6212615-01XE-R Datasheet HTML 77Page - Texas Instruments V6212615-01XE-R Datasheet HTML 78Page - Texas Instruments V6212615-01XE-R Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
Table 9-12. PHY Status Register (PHYSTS), Address 0x10 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
Receive Error Latch:
This bit will be cleared upon a read of the RECR register.
13
Receive Error Latch
0, RO/LH
1 = Receive error event has occurred since last read of RXERCNT
(address 0x15, Page 0)
0 = No receive error event has occurred
Polarity Status:
This bit is a duplication of bit 4 in the 10BTSCR register. This bit will
be cleared upon a read of the 10BTSCR register, but not upon a read
12
Polarity Status
0, RO
of the PHYSTS register.
1 = Inverted Polarity detected
0 = Correct Polarity detected
False Carrier Sense Latch:
This bit will be cleared upon a read of the FCSR register.
False Carrier Sense
11
0, RO/LH
1 = False Carrier event has occurred since last read of FCSCR
Latch
(address 0x14)
0 = No False Carrier event has occurred
10
Signal Detect
0, RO/LL
100Base-TX unconditional Signal Detect from PMD
9
Descrambler Lock
0, RO/LL
100Base-TX Descrambler Lock from PMD
Link Code Word Page Received:
This is a duplicate of the Page Received bit in the ANER register, but
this bit will not be cleared upon a read of the PHYSTS register.
8
Page Received
0, RO
1 = A new Link Code Word Page has been received. Cleared on read
of the ANER (address 0x06, bit 1)
0 = Link Code Word Page has not been received
MII Interrupt Pending:
1 = Indicates that an internal interrupt is pending. Interrupt source can
7
MII Interrupt
0, RO
be determined by reading the MISR Register (0x12h). Reading the
MISR will clear the Interrupt.
0= No interrupt pending
Remote Fault:
1 = Remote Fault condition detected (cleared on read of BMSR
6
Remote Fault
0, RO
(address 01h) register or by reset). Fault criteria: notification from Link
Partner of Remote Fault via Auto-Negotiation.
0 = No remote fault condition detected
Jabber Detect: This bit only has meaning in 10 Mb/s mode
This bit is a duplicate of the Jabber Detect bit in the BMSR register,
except that it is not cleared upon a read of the PHYSTS register.
5
Jabber Detect
0, RO
1 = Jabber condition detected
0 = No Jabber
Auto-Negotiation Complete:
4
Auto-Neg Complete
0, RO
1 = Auto-Negotiation complete
0 = Auto-Negotiation not complete
Loopback:
3
Loopback Status
0, RO
1 = Loopback enabled
0 = Normal operation
Copyright © 2012–2013, Texas Instruments Incorporated
REGISTER BLOCK
75
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com