Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6212615-01XE-R Datasheet(PDF) 9 Page - Texas Instruments

Part # V6212615-01XE-R
Description  MILITARY TEMPERATURE SINGLE PORT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

V6212615-01XE-R Datasheet(HTML) 9 Page - Texas Instruments

Back Button V6212615-01XE-R Datasheet HTML 5Page - Texas Instruments V6212615-01XE-R Datasheet HTML 6Page - Texas Instruments V6212615-01XE-R Datasheet HTML 7Page - Texas Instruments V6212615-01XE-R Datasheet HTML 8Page - Texas Instruments V6212615-01XE-R Datasheet HTML 9Page - Texas Instruments V6212615-01XE-R Datasheet HTML 10Page - Texas Instruments V6212615-01XE-R Datasheet HTML 11Page - Texas Instruments V6212615-01XE-R Datasheet HTML 12Page - Texas Instruments V6212615-01XE-R Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DP83848-EP
www.ti.com
SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013
2
OVERVIEW
2.1
Description
The number of applications requiring ethernet connectivity continues to increase. Along with this increased
market demand is a change in application requirements. The DP83848 was designed to allow ethernet
connectivity in the harshest environments. Our device meets IEEE 802.3u standards over a military
temperature range of -55°C to 125°C. This device is ideally suited for harsh environments for example
wireless remote base stations, automotive, transportation and industrial control applications.
The DP83848 is a highly reliable, feature rich robust device which includes enhanced ESD protection, MII
and RMII for maximum flexibility in MPU selection all in a 48 pin PQFP package.
The DP83848 features integrated sublayers to support both 10BASE-T and 100BASE-TX Ethernet
protocols, which ensures compatibility and interoperability with all other standards based Ethernet
solutions.
2.2
Ordering Information
(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
DP83848MPHPREP
Tape and Reel, 1000
V62/12615-01XE
–55°C to
PQFP-PHP
DP83848EP
125°C
DP83848MPHPEP
Tray, 1250
V62/12615-01XE-R
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2012–2013, Texas Instruments Incorporated
OVERVIEW
9
Submit Documentation Feedback
Product Folder Links: DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com