Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 17 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 17 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 13Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 14Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 15Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 16Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 17Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 18Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 19Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 20Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
17
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Coax Straight PCB Plug DE-DD
Coaxial straight- European solder pins, sizes DE – DD
75 Ohm* coax inserted with straight contacts
Shell
Layout
with standoff M3
with standoff M3 with
standoff, M3 post and
with M3 clinch nut
with through hole 3,05 mm
with pushfit
pushfit
DE 2W2
DEMT-2C2P-OL4-A191-K87 DEMQ-2C2P-OL4-A191-K87 DEMU-2C2P-OL4-A191-K87 DEMX-2C2P-OL4-A191-K87 DEM-2C2P-OL4-A191-K87
DE 2WK2 DEMT-2CK2P-OL4-A191-K87 DEMQ-2CK2P-OL4-A191-K87 DEMU-2CK2P-OL4-A191-K87 DEMX-2CK2P-OL4-A191-K87 DEM-2CK2P-OL4-A191-K87
DE 5W1
DEMT-5C1P-OL4-A191-K87 DEMQ-5C1P-OL4-A191-K87 DEMU-5C1P-OL4-A191-K87 DEMX-5C1P-OL4-A191-K87 DEM-5C1P-OL4-A191-K87
DA 7W2
DAMT-7C2P-OL4-A191-K87 DAMQ-7C2P-OL4-A191-K87 DAMU-7C2P-OL4-A191-K87 DAMX-7C2P-OL4-A191-K87 DAM-7C2P-OL4-A191-K87
DA 11W1 DAMT-11C1P-OL4-A191-K87 DAMQ-11C1P-OL4-A191-K87 DAMU-11C1P-OL4-A191-K87 DAMX-11C1P-OL4-A191-K87 DAM-11C1P-OL4-A191-K87
DA 3W3
DAMT-3C3P-OL4-A191-K87 DAMQ-3C3P-OL4-A191-K87 DAMU-3C3P-OL4-A191-K87 DAMX-3C3P-OL4-A191-K87 DAM-3C3P-OL4-A191-K87
DA 3WK3 DAMT-3CK3P-OL4-A191-K87 DAMQ-3CK3P-OL4-A191-K87 DAMU-3CK3P-OL4-A191-K87 DAMX-3CK3P-OL4-A191-K87 DAM-3CK3P-OL4-A191-K87
DB 5W5
DBMT-5C5P-OL4-A191-K87 DBMQ-5C5P-OL4-A191-K87 DBMU-5C5P-OL4-A191-K87 DBMX-5C5P-OL4-A191-K87 DBM-5C5P-OL4-A191-K87
DB 9W4
DBMT-9C4P-OL4-A191-K87 DBMQ-9C4P-OL4-A191-K87 DBMU-9C4P-OL4-A191-K87 DBMX-9C4P-OL4-A191-K87 DBM-9C4P-OL4-A191-K87
DB 13W3 DBMT-13C3P-OL4-A191-K87 DBMQ-3C3P-OL4-A191-K87 DBMU-13C3P-OL4-A191-K87 DBMX-13C3P-OL4-A191-K87 DBM-13C3P-OL4-A191-K87
DB 17W2 DBMT-17C2P-OL4-A191-K87 DBMQ-17C2P-OL4-A191-K87 DBMU-17C2P-OL4-A191-K87 DBMX-17C2P-OL4-A191-K87 DBM-17C2P-OL4-A191-K87
DB 21W1 DBMT-21C1P-OL4-A191-K87 DBMQ-21C1P-OL4-A191-K87 DBMU-21C1P-OL4-A191-K87 DBMX-21C1P-OL4-A191-K87 DBM-21C1P-OL4-A191-K87
DC 8W8
DCMT-8C8P-OL4-A191-K87 DCMQ-8C8P-OL4-A191-K87 DCMU-8C8P-OL4-A191-K87 DCMX-8C8P-OL4-A191-K87 DCM-8C8P-OL4-A191-K87
DC 13W6 DCMT-13C6P-OL4-A191-K87 DCMQ-13C6P-OL4-A191-K87 DCMU-13C6P-OL4-A191-K87 DCMX-13C6P-OL4-A191-K87 DCM-13C6P-OL4-A191-K87
DC 17W5 DCMT-17C5P-OL4-A191-K87 DCMQ-17C5P-OL4-A191-K87 DCMU-17C5P-OL4-A191-K87 DCMX-17C5P-OL4-A191-K87 DCM-17C5P-OL4-A191-K87
DC 21WA4 DCMT-21CA4P-OL4-A191-K87 DCMQ-21CA4P-OL4-A191-K87 DCMU-21CA4P-OL4-A191-K87 DCMX-21CA4P-OL4-A191-K87 DCM-21CA4P-OL4-A191-K87
DC 25W3 DCMT-25C3P-OL4-A191-K87 DCMQ-25C3P-OL4-A191-K87 DCMU-25C3P-OL4-A191-K87 DCMX-25C3P-OL4-A191-K87 DCM-25C3P-OL4-A191-K87
DC 27W2 DCMT-27C2P-OL4-A191-K87 DCMQ-27C2P-OL4-A191-K87 DCMU-27C2P-OL4-A191-K87 DCMX-27C2P-OL4-A191-K87 DCM-27C2P-OL4-A191-K87
DD 24W7 DDMT-24C7P-OL4-A191-K87 DDMQ-24C7P-OL4-A191-K87 DDMU-24C7P-OL4-A191-K87 DDMX-24C7P-OL4-A191-K87 DDM-24C7P-OL4-A191-K87
DD 36W4 DDMT-36C4P-OL4-A191-K87 DDMQ-36C4P-OL4-A191-K87 DDMU-36C4P-OL4-A191-K87 DDMX-36C4P-OL4-A191-K87 DDM-36C4P-OL4-A191-K87
DD 43W2 DDMT-43C2P-OL4-A191-K87 DDMQ-43C2P-OL4-A191-K87 DDMU-43C2P-OL4-A191-K87 DDMX-43C2P-OL4-A191-K87 DDM-43C2P-OL4-A191-K87
DD 47W1 DDMT-47C1P-OL4-A191-K87 DDMQ-47C1P-OL4-A191-K8 DDMU-47C1P-OL4-A191-K87 DDMX-47C1P-OL4-A191-K87 DDM-47C1P-OL4-A191-K87
Forperformanceclass1replaceA191wtihA190.
For50ohmcoaxialreplaceCwithX,Example:
For3,0mmpushfitpleaseadd-146modifier;
For Performance class 3 deleteA191.
DCM-13C6P-A191-K87-146 becomes
For 3,2 mm pushfit please add-162 modifier.
DCM-13X6P-A191-K87-146.
Shell
A
B
C
D
E
F
L
W
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (008)
± 0,41 (.016)
DE
30,8 (1.213)
16,9 (.665)
25 (.984)
8,35(.329)
12,55(.494)
10,70(.421)
0,8 (.031)
6,7 (.264)
DA
39,15(1.541)
25,25(.994)
33,3 (1.311)
8,35(.329)
12,55(.494)
10,70(.421)
0,8 (.031)
6,7 (.264)
DB
53,05(2.089)
38,95(1.533)
47,05(1.852)
8,35(.329)
12,55(.494)
10,80(.425)
0,8 (.031)
6,8 (.268)
DC
69,3 (2.089)
55,4 (2.181)
63,50(2,500)
8,35(.329)
12,55(.494)
10,80(.425)
0,9 (.035)
6,8 (.268)
DD
66,95(2.636)
52,8 (2.079)
61,11(2,406)
11,1 (.437)
15,4 (.606)
10,80(.425)
0,9 (.035)
6,85(.270)
Dimensions
•Forcontactcavityarrangements,seepage61.
•Forpcbholepattern,seepages76-78.
•Formountingmethods,seepags59-60.
Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com