Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 26 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 26 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 22Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 23Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 24Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 25Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 26Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 27Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 28Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 29Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 103 page
background image
26
Cannon Combo D®
High Power 90° PCB Receptacle DD
Receptacle
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DD
66,93(2.635)
52,42(2.064)
61,11(2,406)
10,74(.423)
15,37(.605)
10,90(.429)
6,84(.269)
0,76(.030)
Dimensions
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepages90-91.
•Formountingmethods,seepages59-60.
40AHigh power 90° Receptacle - European footprint, size DD, with bracket
Part numbers with bracket and captive
Part numbers with bracket with
Part numbers with bracket
nut M3
bushing diam. 3,05
and post M3
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with through
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
Boardlock
DD 24WK7 DDM-24P7S-1A9N-A191-A197 DDM-24P7S-1ATN-A191-A197 DDM-24P7S-1AFN-A191-A197 DDM-24P7S-1A5N-A191-A197 DDM-24P7S-1AHN-A191-A197 DDM-24P7S-1APN-A191-A197
DD 36W4 DDM-36P4S-1A9N-A191-A197 DDM-36P4S-1ATN-A191-A197 DDM-36P4S-1AFN-A191-A197 DDM-36P4S-1A5N-A191-A197 DDM-36P4S-1AHN-A191-A197 DDM-36P4S-1APN-A191-A197
DD 43W2 DDM-43P2S-1A9N-A191-A197 DDM-43P2S-1ATN-A191-A197 DDM-43P2S-1AFN-A191-A197 DDM-43P2S-1A5N-A191-A197 DDM-43P2S-1AHN-A191-A197 DDM-43P2S-1APN-A191-A197
DD 47W1 DDM-47P1S-1A9N-A191-A197 DDM-47P1S-1ATN-A191-A197 DDM-47P1S-1AFN-A191-A197 DDM-47P1S-1A5N-A191-A197 DDM-47P1S-1AHN-A191-A197 DDM-47P1S-1APN-A191-A197
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
For captive nut 4-40 UNC replace 1A9N with 1A7N and 1AHN with 1A8N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com