Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 27 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 27 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 23Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 24Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 25Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 26Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 27Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 28Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 29Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 30Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
Cannon Combo D®
High Power Straight PCB Plug DE-DC
Plug
•Forcontactcavityarrangements,seepage61.
•Forpcbholepattern,seepages92-94.
•Formountingmethods,seepages59-60.
40AHigh power straight PCB Plug, sizes DE – DC
40 A High power inserted with straight
contacts and standoff with UNC 4-40 thread
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC*/LOW OUTGASSING**
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Cadmium Plating
Gold Plating
DE 2W2
DEMV2H2P-NK87
DEMZ2H2P-NK87
DEMMV2H2P-N
DEMMZ2H2P-N
DEM2H2P-NNMB
DEMZ2H2P-NNMBK52
DE 2WK2
DEMV2HK2P-NK87
DEMZ2HK2P-NK87
DEMMV2HK2P-N
DEMMZ2HK2P-N DEM2HK2P-NNMB
DEMZ2HK2P-NNMBK52
DE 5W1
DEMV5H1P-NK87
DEMZ5H1P-NK87
DEMMV5H1P-N
DEMMZ5H1P-N
DEM5H1P-NNMB
DEMZ5H1P-NNMBK52
DA 7W2
DAMV7H2P-NK87
DAMZ7H2P-NK87
DAMMV7H2P-N
DAMMZ7H2P-N
DAM7H2P-NNMB
DAMZ7H2P-NNMBK52
DA 11W1
DAMV11H1P-NK87
DAMZ11H1P-NK87
DAMMV11H1P-N
DAMMZ11H1P-N DAM11H1P-NNMB
DAMZ11H1P-NNMBK52
DA 3W3
DAMV3H3P-NK87
DAMZ3H3P-NK87
DAMMV3H3P-N
DAMMZ3H3P-N
DAM3H3P-NNMB
DAMZ3H3P-NNMBK52
DA 3WK3
DAMV3HK3-NK87
DAMZ3HK3P-NK87
DAMMV3HK3P-N
DAMMZ3HK3P-N DAM3HK3P-NNMB
DAMZ3HK3P-NNMBK52
DB 5W5
DBMV5H5P-NK87
DBMZ5H5P-NK87
DBMMV5H5P-N
DBMMZ5H5P-N
DBM5H5P-NNMB
DBMZ5H5P-NNMBK52
DB 9W4
DBMV9H4P-NK87
DBMZ9H4P-NK87
DBMMV9H4P-N
DBMMZ9H4P-N
DBM9H4P-NNMB
DBMZ9H4P-NNMBK52
DB 13W3
DBMV13H3P-NK87
DBMZ13H3P-NK87
DBMMV13H3P-N
DBMMZ13H3P-N DBM13H3P-NNMB
DBMZ13H3P-NNMBK52
DB 17W2
DBMV17H2P-NK87
DBMZ17H2P-NK87
DBMMV17H2P-N
DBMMZ17H2P-N DBM17H2P-NNMB
DBMZ17H2P-NNMBK52
DB 21W1
DBMV21H1P-NK87
DBMZ21H1P-NK87
DBMMV21H1P-N
DBMMZ21H1P-N DBM21H1P-NNMB
DBMZ21H1P-NNMBK52
DC 8W8
DCMV8H8P-NK87
DCMZ8H8P-NK87
DCMMV8H8P-N
DCMMZ8H8P-N
DCM8H8P-NNMB
DCMZ8H8P-NNMBK52
DC 13W6
DCMV13H6P-NK87
DCMZ13H6P-NK87
DCMMV13H6P-N
DCMMZ13H6P-N DCM13H6P-NNMB
DCMZ13H6P-NNMBK52
DC 17W5
DCMV17H5P-NK87
DCMZ17H5P-NK87
DCMMV17H5P-N
DCMMZ17H5P-N DCM17H5P-NNMB
DCMZ17H5P-NNMBK52
DC 21WA4
DCMV21HA4P-NK87 DCMZ21HA4P-NK87 DCMMV21HA4P-N
DCMMZ21HA4P-N DCM21HA4P-NNMB
DCMZ21HA4P-NNMBK52
DC 25W3
DCMV25H3P-NK87
DCMZ25H3P-NK87
DCMMV25H3P-N
DCMMZ25H3P-N DCM25H3P-NNMB
DCMZ25H3P-NNMBK52
DC 27W2
DCMV27H2P-NK87
DCMZ27H2P-NK87
DCMMV27H2P-N
DCMMZ27H2P-N DCM27H2P-NNMBK
DCMZ27H2P-NNMBK52
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145)
± 0,41 (.016)
± 0,25 (.010)
DE
30,81(1.213)
16,92(.665)
24,99(.984)
8,36(.329)
12,55(.494)
10,72(.422)
6,693(.2635)
—
0,76(.030)
DA
39,14(1.541)
25,25(.994)
33,32(1.312)
8,36(.329)
12,55(.494)
10,72(.422)
6,693(.2635)
—
0,76(.030)
DB
53,04(2.088)
38,96(1.534)
47,04(1.852)
8,36(.329)
12,55(.494)
10,82(.426)
—
6,84(.269)
0,99(.039)
DC
69,32(2.729)
55,42(2.182)
63,50(2,500)
8,36(.329)
12,55(.494)
10,82(.426)
—
6,84(.269)
0,99(.039)
Dimensions
3,18 (0,125’)
Ø 0,6 (0,024’)
B
C
A
10
ϒ
5
4
3
1
2
A1
A2
ITT
CANNON
7W25
* For Spacers; Order P/N 253-0343-008, 2 each
** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions;
consult factory for more information
**For M-3 and other hardware options, see part number designator, page 7.
27
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com