Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 43 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 43 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 39Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 40Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 41Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 42Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 43Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 44Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 45Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 46Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 47Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
43
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Cable Loose Contacts
Loose Contacts Size 8 – Coaxial 50 Ohm, Straight
Straight Crimp Braid
Straight Solder Braid
Part Number
Part Number
(50 µin) 1,27 µm
A
B
D
RG Cable Number
Gold over Nickel
Gold over Copper
max
max
min
old
new
Plug
DM53740
DM35740-17
18,80(.74)
24,00(.94)
1,00(.039)
196/U
178B/U
Plug
DM53740-1
DM53740-15
18,80(.74)
24,00(.94)
1,70(.067)
187/U
179B/U
188/U
316B/U
Plug
DM53740-35
–
18,80(.74)
24,00(.94)
1,70(.067)
–
RD316
Plug
DM53740-3
DM53740-16
21,50(.847)
26,34(1.037)
2,79(.110)
195/U
180B/U
Plug
DM53740-5
DM53740-18
21,50(.847)
26,34(1.037)
3,18(.125)
58/U
588/U
Receptacle
DM53742
DM53742-18
18,80(.74)
24,00(.94)
1,00(.039)
196/U
178B/U
Receptacle
DM53742-1
DM53742-16
18,80(.74)
24,00(.94)
1,70(.067)
187/U
179B/U
188/U
316B/U
Receptacle
DM53742-36
–
18,80(.74)
24,00(.94)
1,70(.067)
–
RD316
Receptacle
DM53742-5
DM53742-19
21,50(.847)
26,34(1.037)
3,18(.125)
58/U
58B/U
Receptacle
DM53742-5
DM53742-19
21,50(.847)
26,34(1.037)
3,18(.125)
58/U
588/U
For Crimp tooling, see page 47.
Plug
Receptacle
Note: Dimensions include outer sleeve.
Plug
Receptacle
Part Number
Part Number
A
B
D
RG Cable Number
Gold over Nickel
1,27 µm Gold over Copper max
max
min
old
new
Plug
DM53740-5008
DM53740-5105
18,80(.74)
24,00(.94)
1,00(.039)
196/U
178B/U
Plug
DM53740-5001
DM53740-5099
18,80(.74)
24,00(.94)
1,70(.067)
187/U
179B/U
188/U
316B/U
Plug
DM53740-5145
–
18,80(.74)
24,00(.94)
1,70(.067)
–
RD316
Plug
DM53740-5002
DM53740-5104
21,50(.847)
26,34(1.037)
2,79(.110)
195/U
180B/U
Plug
DM53740-5005
DM53740-5101
21,50(.847)
26,34(1.037)
3.18(.125)
58/U
58/U
Plug(Short)
DM53640-5000
DM53740-5100
17,00(.670)
22,20(.882)
1,14(.045)
196/U
178B/U
Receptacle
DM53742-5126
DM53742-5092
18,80(.74)
24,00(.94)
1,00(.039)
196/U
178B/U
Receptacle
DM53742-5002
DM53742-5086
18,80(.74)
24,00(.94)
1.70(.067)
187/U
179B/U
188/U
316B/U
Receptacle
DM53742-5126
–
18,80(.74)
24,00(.94)
1,70(.067)
–
RD316
Receptacle
DM53742-5002
DM53742-5091
21,50(.847)
26,34(1.037)
2,79(.110)
195/U
180B/U
Receptacle
DM53742-5004
DM53742-5086
21,50(.847)
26,34(1.037)
3,18(.125)
58/U
58/U
Receptacle(Short) DM53742-5000
DM53742-5085
17,00(.670)
22,20(.882)
1,14(.045)
196/U
178B/U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com