Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 14 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 14 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 10Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 11Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 12Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 13Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 14Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 15Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 16Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 17Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 103 page
background image
14
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
European Coax 90° PCB Receptacle DE-DC
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,25 (.010)
± 0,38 (.015)
DE
30,8 (1.213)
16,35(.644)
25 (.984)
7,90(.311)
12,55(.494)
10,90(.429)
6.95(.274)
0,8 (.031)
DA
39,15(1.541)
24,65(.970)
33,33 (1.311)
7,90(.311)
12,55(.494)
10,90(.429)
6.95(.274)
0,8 (.031)
DB
53,05(2.089)
38,4 (1.512)
47,05 (1.852)
7,90(.311)
12,55(.494)
10,90(.429)
6.95(.274)
0,8 (.031)
DC
69,3 (2.728)
54,85(2.159)
63,5 (2.5)
7,90(.311)
12,55(.494)
10,90(.429)
6.95(.274)
0,8 (.031)
Dimensions
•Forcontactcavityarrangements,see
page 62.
•Forpcbholepattern,seepages74-75.
•Formountingmethods,seepages59-60.
Receptacle
Coaxial 90° PCB Receptacle, sizes DE – DC, with bracket
75 Ohm part numbers with bracket and captive nut M3
75 Ohm part numbers with bracket with
75 Ohm part number with bracket with post M3
bushing dia. 3,05
Shell Layout
Plastic
Metal
Plastic
Metal
Plastic
Metal
size
Bracket
Bracket
Bracket
Bracket
Bracket
Bracket
DE
2W2
DEM-2C2S-1ATN-A191-A197
DEM-2C2S-1A9N-A191-A197
DEM-2C2S-1A5N-A191-A197
DEM-2C2S-1AFN-A191-A197
DEM-2C2S-1APN-A191-A197
DEM-2C2S-1AHN-A191-A197
DE
2WK2
DEM-2CK2S-1ATN-A191-A197 DEM-2CK2S-1A9N-A191-A197 DEM-2CK2S-1A5N-A191-A197 DEM-2CK2S-1AFN-A191-A197 DEM-2CK2S-1APN-A191-A197 DEM-2CK2S-1AHN-A191-A197
DE
5W1
DEM-5C1S-1ATN-A191-A197
DEM-5C1S-1A9N-A191-A197
DEM-5C1S-1A5N-A191-A197
DEM-5C1S-1AFN-A191-A197
DEM-5C1S-1APN-A191-A197
DEM-5C1S-1AHN-A191-A197
DA
7W2
DAM-7C2S-1ATN-A191-A197
DAM-7C2S-1A9N-A191-A197
DAM-7C2S-1A5N-A191-A19
DAM-7C2S-1AFN-A191-A197
DAM-7C2S-1APN-A191-A197
DAM-7C2S-1AHN-A191-A197
DA
11W1
DAM-11C1S-1ATN-A191-A197 DAM-11C1S-1A9N-A191-A197 DAM-11C1S-1A5N-A191-A197 DAM-11C1S-1AFN-A191-A197 DAM-11C1S-1APN-A191-A197 DAM-11C1S-1AHN-A191-A197
DA
3W3
DAM-3C3S-1ATN-A191-A197
DAM-3C3S-1A9N-A191-A197
DAM-3C3S-1A5N-A191-A197
DAM-3C3S-1AFN-A191-A197
DAM-3C3S-1APN-A191-A197
DAM-3C3S-1AHN-A191-A197
DA
3WK3
DAM-3CK3S-1ATN-A191-A197 DAM-3CK3S-1A9N-A191-A19
DAM-3CK3S-1A5N-A191-A197 DAM-3CK3S-1AFN-A191-A197 DAM-3CK3S-1APN-A191-A197 DAM-3CK3S-1AHN-A191-A197
DB
5W5
DBM-5C5S-1ATN-A191-A197
DBM-5C5S-1A9N-A191-A197
DBM-5C5S-1A5N-A191-A197
DBM-5C5S-1AFN-A191-A197
DBM-5C5S-1APN-A191-A197
DBM-5C5S-1AHN-A191-A197
DB
9W4
DBM-9C4S-1ATN-A191-A197
DBM-9C4S-1A9N-A191-A197
DBM-9C4S-1A5N-A191-A197
DBM-9C4S-1AFN-A191-A197
DBM-9C4S-1APN-A191-A197
DBM-9C4S-1AHN-A191-A197
DB
13W3
DBM-13C3S-1ATN-A191-A197 DBM-13C3S-1A9N-A191-A197 DBM-13C3S-1A5N-A191-A197 DBM-13C3S-1AFN-A191-A197 DBM-13C3S-1APN-A191-A197 DBM-13C3S-1AHN-A191-A197
DB
17W2
DBM-17CS2-1ATN-A191-A197 DBM-17CS2-1A9N-A191-A197 DBM-17CS2-1A5N-A191-A197 DBM-17CS2-1AFN-A191-A197 DBM-17CS2-1APN-A191-A197 DBM-17CS2-1AHN-A191-A197
DB
21W1
DBM-21C1S-1ATN-A191-A197 DBM-21C1S-1A9N-A191-A197 DBM-21C1S-1A5N-A191-A197 DBM-21C1S-1AFN-A191-A197 DBM-21C1S-1APN-A191-A197 DBM-21C1S-1AHN-A191-A197
DC
8W8
DCM-8C8S-1ATN-A191-A197
DCM-8C8S-1A9N-A191-A197
DCM-8C8S-1A5N-A191-A197
DCM-8C8S-1AFN-A191-A197
DCM-8C8S-1APN-A191-A197
DCM-8C8S-1AHN-A191-A197
DC
13W6
DCM-13C6S-1ATN-A191-A197 DCM-13C6S-1A9N-A191-A197 DCM-13C6S-1A5N-A191-A197 DCM-13C6S-1AFN-A191-A197 DCM-13C6S-1APN-A191-A197 DCM-13C6S-1AHN-A191-A197
DC
17W5
DCM-17C5S-1ATN-A191-A197 DCM-17C5S-1A9N-A191-A197 DCM-17C5S-1A5N-A191-A197 DCM-17C5S-1AFN-A191-A197 DCM-17C5S-1APN-A191-A197 DCM-17C5S-1AHN-A191-A197
DC
21WA4 DCM-21CA4S-1ATN-A191-A197 DCM-21CA4S-1A9N-A191-A197 DCM-21CA4S-1A5N-A191-A197 DCM-21CA4S-1AFN-A191-A197 DCM-21CA4S-1APN-A191-A197 DCM-21CA4S-1AHN-A191-A197
DC
25W3
DCM-25C3S-1ATN-A191-A197 DCM-25C3S-1A9N-A191-A197 DCM-25C3S-1A5N-A191-A197 DCM-25C3S-1AFN-A191-A197 DCM-25C3S-1APN-A191-A197 DCM-25C3S-1AHN-A191-A197
DC
27W2
DCM-27C2S-1ATN-A191-A197 DCM-27C2S-1A9N-A191-A197 DCM-27C2S-1A5N-A191-A197 DCM-27C2S-1AFN-A191-A197 DCM-27C2S-1APN-A191-A197 DCM-27C2S-1AHN-A191-A197
For performance class 1 replaceA191 withA190.
For 50 ohm coaxial replace C with X, Example:
For 3,0 mm pushfit add -146 modifier,
For performance class 3 deleteA191.
DCM-13C6S-1AFN-A191-A197-146 becomes
For 3,2 mm pushfit add -162 modifier.
DCM-13X6S-1AFN-A191-A197-146.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com