Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 32 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 32 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 28Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 29Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 30Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 31Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 32Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 33Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 34Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 35Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
32
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
High Power Straight Receptacle PCB DE-DC
40AHigh Power straight-European solder Socket, sizes DE-DC
Part numbers with straight contacts
Shell Layout
with standoff M3
with standoff M3
standoff, M3 post
with M3 clinch nut
with through hole
size
with pushfit
and pushfit
3,05 mm
DE
2W2
DEMT-2H2S-OL4-A191- A197
DEMQ-2H2S-OL4-A191-A197
DEMU-2H2S-OL4-A191-A197
DEMX-2H2S-OL4-A191-A197
DEM-2H2S-OL4-A191-A197
DE
2WK2
DEMT-2HK3S-OL4-A191-A197
DAMQ-2HK3S-OL4-A191-A197
DAMU-2PH3S-OL4-A191-A197
DAMX-2PH3S-OL4-A191-A197
DAM-2HK3S-OL4-A191-A197
DE
5W1
DEMT-5H1S-OL4-A191- A197
DEMQ-5H1S-OL4-A191-A197
DEMU-5H1S-OL4-A191-A197
DEMX-5H1S-OL4-A191-A197
DEM-5H1S-OL4-A191-A197
DA
7W2
DAMT-7H2S-OL4-A191-A197
DAMQ-7H2S-OL4-A191-A197
DAMU-7H2S-OL4-A191-A197
DAMX-7H2S-OL4-A191-A197
DAM-7H2S-OL4-A191-A197
DA
11W1
DAMT-11H1S-OL4-A191-A197
DAMQ-11H1S-OL4-A191-A197
DAMU-11H1S-OL4-A191-A197
DAMX-11H1S-OL4-A191-KA197
DAM-11H1S-OL4-A191-A197
DA
3W3
DAMT-3H3S-OL4-A191-A197
DAMQ-3H3S-OL4-A191-A197
DAMU-3H3S-OL4-A191-A197
DAMX-3H3S-OL4-A191-A197
DAM-3H3S-OL4-A191-A197
DA
3WK3
DAMT-3HK3S-OL4-A191-A197
DAMQ-3HK3S-OL4-A191-A197
DAMU-3PH3S-OL4-A191-A197
DAMX-3PH3S-OL4-A191-A197
DAM-3HK3S-OL4-A191-A197
DB
5W5
DBMT-5H5S-OL4-A191-A197
DBMQ-5H5S-OL4-A191-A197
DBMU-5H5S-1OL4-A191-A197
DBMX-5H5S-OL4-A191-A197
DBM-5H5S-OL4-A191-A197
DB
9W4
DBMT-9H4S-OL4-A191-A197
DBMQ-9H4S-OL4-A191-A197
DBMU-9H4S-OL4-A191-A197
DBMX-9H4S-OL4-A191-A197
DBM-9H4S-OL4-A191-A197
DB
13W3
DBMT-13H3S-1OL4-A191-A197
DBMQ-13H3S-OL4-A191-A197
DBMU-13H3S-OL4-A191-A197
DBMX-13H3S-OL4-A191-A197
DBM-13H3S-OL4-A191-A197
DB
17W2
DBMT-17H2S-OL4-A191-A197
DBMQ-17H2S-OL4-A191-A197
DBMU-17H2S-OL4-A191-A197
DBMX-17H2S-OL4-A191-A197
DBM-17H2S-OL4-A191-A197
DB
21W1
DBMT-21H1S-OL4-A191-A197
DBMQ-21H1S-OL4-A191-A197
DBMU-21H1S-OL4-A191-A197
DBMX-21H1S-OL4-A191-A197
DBM-21H1S-OL4-A191-A197
DC
W8
DCMT-8H8S-OL4-A191-A197
DCMQ-8H8S-OL4-A191-A197
DCMU-8H8S-OL4-A191-A197
DCMX-8H8S-OL4-A191-A197
DCM-8H8S-OL4-A191-A197
DC
13W6
DCMT-13H6S-OL4-A191-A197
DCMQ-13H6S-OL4-A191-A197
DCMU-13H6S-OL4-A191-A197
DCMX-13H6S-OL4-A191-A197
DCM-13H6S-OL4-A191-A197
DC
17W5
DCMT-17H5S-OL4-A191-A197
DCMQ-17H5S-OL4-A191-A197
DCMU-17H5S-OL4-A191-A197
DCMX-17H5S-OL4-A191-A197
DCM-17H5S-OL4-A191-A197
DC
21WA4
DCMT-21HA4S-OL4-A191-A197
DCMQ-21HA4S-OL4-A191-A197
DCMU-21HA4S-OL4-A191-A197
DCMX-21HA4S-OL4-A191-A197
DCM-21HA4S-OL4-A191-A197
DC
25W3
DCMT-25H3S-1OL4-A191-A197
DCMQ-25H3S-OL4-A191-A197
DCMU-25H3S-OL4-A191-A197
DCMX-25H3S-OL4-A191-A197
DCM-25H3S-OL4-A191-A197
DC
27W2
DCMT-27H2S-OL4-A191-A197
DCMQ-27H2S-OL4-A191-A197
DCMU-27H2S-OL4-A191-A197
DCMX-27H2S-OL4-A191-A197
DCM-27H2S-OL4-A191-A197
For performance class 1 replaceA191 withA190.
For 4-40 UNC thread standoff with pushfit replace Q with Z.
For performance class 3 deleteA191.
For captive nut 4-40 NC replace X with E.
Shell
A
B
C
D
E
F
L
W
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (008)
± 0,40 (.016)
DE
30,8 (1.213)
16,35(.644)
25 (.984)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DA
39,15(1.541)
24,65(.970)
33,3 (1.311)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DB
53,05(2.089)
38,4 (1.512)
47,05(1.852)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DC
69,3 (2.089)
54,85(2.159)
63,50(2,500)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
Dimensions
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepages95-97.
•Formountingmethods,seepages59-60.
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com