Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 47 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 47 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 43Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 44Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 45Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 46Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 47Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 48Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 49Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 50Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
47
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Coaxial Assembly Instructions
Solder
Crimp
CoaxialAssembly Instructions
Straight and 90° Coaxial Assembly
Step 1:
Slide the outer ring over the cable jacket.
Trim the cable as specified in the table of
Coaxial
Cable
Trim Dimensions (see this page). Insert
the cable dielectric and center conductor
into the inside diameter of the inner
sleeve. Then solder the center conductor
to the coaxial center contact.
Straight Coaxial
90° Coaxial
Straight and 90° Coaxial Assembly
Step 2:
Slide the outer ring forward until it is flush
with the coaxial shell containing the braid
between the outer ring and the inner
sleeve. For solder type coaxes, soft sol-
dertheouterringtotheassemblythrough
the cross-drilled solder hold. For crimp
type coaxes, crimp with the appropriate
tool in the area defined.
Straight Coaxial
90° Coaxial
RG Cable Number
Tool Part Number
Description
Closure
196/U,178B/U
070051-0000
CCT-DM
A
187/U,179B/U,188/U,316B/U
070051-0000
CCT-DM
B
58/U,58B/U
070051-0000
CCT-DM
C
Crimp Tooling
Straight Coaxial
RG Cable Number
N
O
P
196/U,178B/U,187/U,188/U,179B/U,316B/U
7,92(.312)
6,35(.250)
1,98(.078)
58/U,58B/U
9,52(.375)
7,92(.312)
1,98(.078)
90° Coaxial
RG Cable Number
N
O
P
196/U,178B/U,187/U,188/U,179B/U,316B/U
9,52
5,94
1,57
58/U,58B/U
10,69
7,92
2,39
Coaxial Cable Trim Dimensions
Outer Ring InnerSleeve
Soft Solder
Outer Ring
Inner Sleeve
Soft Solder
Outer Ring Coaxial Shell
Outer Ring CoaxialShell
Crimp
Soft Solder Cap into Shell
after CableAssembly
on 90° Type Coaxes.
Solder
Hand Tool with integral die set for all coaxial
straight crimp braid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com