Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 29 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 29 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 25Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 26Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 27Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 28Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 29Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 30Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 31Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 32Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
*For M-3 hardware and other hardware options, see part number designator, page 7.
**For spacers; order P/N 23-0343-008, two each per connector.
*** Hardware Modifier not allowed on Non-Magnetic/Low Outgassing Versions; consult factory for more information.
29
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
High Power Straight PCB Receptacle DE-DC
Receptacle
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepages95-97.
•Formountingmethods,seepages59-60.
.
40AHigh power straight PCB Receptacle, sizes DE – DC
40 A High power inserted with straight
contacts and standoff with UNC 4-40 thread
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC**/LOW OUTGASSING***
Shell
Layout
P/N without
P/N with
P/N without
P/N with
P/N with
P/N with
size
pushfit
pushfit
pushfit
pushfit
Cadmium Plating
Gold Plating
DE 2W2
DEMV2H2S-NA197
DEMZ2H2S-NA197
DEMMV2H2S-N
DEMMZ2H2S-N
DEM2H2S-NNMB
DEM2H2S-NNMBK52
DE 2WK2
DEMV2HK2S-NA197 DEMZ2HK2S-NA197 DEMMV2HK2S-N
DEMMZ2HK2S-N DEM2HK2S-NNMB
DEM2HK2S-NNMBK52
DE 5W1
DEMV5H1S-NA197
DEMZ5H1S-NA197
DEMMV5H1S-N
DEMMZ2HK2S-N DEM5H1S-NNMB
DEM5H1S-NNMBK52
DA 7W2
DAMV7H2S-NA197
DAMZ7H2S-NA197
DAMMV7H2S-N
DAMMZ7H2S-N
DAM7H2S-NNMB
DAM7H2S-NNMBK52
DA 11W1
DAMV11H1S-NA197
DAMZ11H1S-NA197
DAMMV11H1S-N
DAMMZ11H1S-N DAM11H1S-NNMB
DAM11H1S-NNMBK52
DA 3W3
DAMV3H3S-NA197
DAMZ3H3S-NA197
DAMMV3H3S-N
DAMMZ3H3S-N
DAM3H3S-NNMB
DAM3H3S-NNMBK52
DA 3WK3
DAMV3HK3S-NA197 DAMZ3HK3S-NA197 DAMMV3HK3S-N
DAMMZ3HK3S-N DAM3HK3S-NNMB
DAM3HK3S-NNMBK52
DB 5W5
DBMV5H5S-NA197
DBMZ5H5S-NA197
DBMMV5H5S-N
DBMMZ5H5S-N
DBM5H5S-NNMB
DBM5H5S-NNMBK52
DB 9W4
DBMV9H4S-NA197
DBMZ9H4S-NA197
DBMMV9H4S-N
DBMMZ9H4S-N
DBM9H4S-NNMB
DBM9H4S-NNMBK52
DB 13W3
DBMV13H3S-NA197 DBMZ13H3S-NA197
DBMMV13H3S-N
DBMMZ13H3S-N DBM13H3S-NNMB
DBM13H3S-NNMBK52
DB 17W2
DBMV17H2S-NA197 DBMZ17H2S-NA197
DBMMV17H2S-N
DBMMZ17H2S-N DBM17H2S-NNMB
DBM17H2S-NNMBK52
DB 21W1
DBMV21H1S-NA197 DBMZ21H1S-NA197
DBMMV21H1S-N
DBMMZ21H1S-N DBM21H1S-NNMB
DBM21H1S-NNMBK52
DC 8W8
DCMV8H8S-NA197
DCMZ8H8S-NA197
DCMMV8H8S-N
DCMMZ8H8S-N
DCM8H8S-NNMB
DCM8H8S-NNMBK52
DC 13W6
DCMV13H6S-NA197 DCMZ13H6S-NA197 DCMMV13H6S-N
DCMMZ13H6S-N DCM13H6S-NNMB
DCM13H6S-NNMBK52
DC 17W5
DCMV17H5S-NA197 DCMZ17H5S-NA197 DCMMV17H5S-N
DCMMZ17H5S-N DCM17H5S-NNMB
DCM17H5S-NNMBK52
DC 21WA4
DCMV21HA4S-NA197 DCMZ21HA4S-NA197 DCMMV21HA4S-N
DCMMZ21HA4S-N DCM21HA4S-NNMB
DCM21HA4S-NNMBK52
DC 25W3
DCMV25H3S-NA197 DCMZ25H3S-NA197 DCMMV25H3S-N
DCMMZ25H3S-N DCM25H3S-NNMB
DCM25H3S-NNMBK52
DC 27W2
DCMV27H2S-NA197 DCMZ27H2S-NA197 DCMMV27H2S-N
DCMMZ27H2S-N DCM27H2S-NNMB
DCM27H2S-NNMBK52
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DE
30,81(1.213)
16,33(.643)
24,99(.984)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
0,76(.030)
DA
39,14(1.541)
24,65(.971)
33,32(1.312)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
0,76(.030)
DB
53,04(2.088)
38,38(1.511)
47,04(1.852)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
0,76(.030)
DC
69,32(2.729)
54,84(2.159)
63,50(2,500)
7,90(.311)
12,55(.494)
10,90(.429)
6,94(.273)
0,76(.030)
Dimensions
Ø 3,18 (0,125’)
Ø 0,6 (0,024’)
B
C
A
10
ϒ
5
4
3
1
2
A1
A2
ITT
CANNON
7W25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com