Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 31 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 31 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 27Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 28Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 29Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 30Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 31Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 32Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 33Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 34Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 103 page
background image
31
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Combo D®High Power Straight Plug PCB DE-DC
40AHigh Power straight-European solder Pins, sizes DE-DC
Part numbers with straight contacts
Shell Layout
with standoff M3
with standoff M3
standoff, M3 post
with M3 clinch nut
with through hole
size
with pushfit
and pushfit
3,05 mm
DE
2W2
DEMT-2H2P-OL4-A191-K87
DEMQ-2H2P-OL4-A191-K87
DEMU-2H2P-OL4-A191-K87
DEMX-2H2P-OL4-A191-K87
DEM-2H2P-OL4-A191-K87
DE
2WK2
DEMT-2HK2P-OL4-A191-K87
DEMQ-2HK2P-OL4-A191-K87
DEMU-2HK2P-OL4-A191-K87
DEMX-2HK2P-OL4-A191-K87
DEM-2HK2P-OL4-A191-K87
DE
5W1
DEMT-5H1P-OL4-A191-K87
DEMQ-5H1P-OL4-A191-K87
DEMU-5H1P-OL4-A191-K87
DEMX-5H1P-OL4-A191-K87
DEM-5H1P-OL4-A191-K87
DA
7W2
DAMT-7H2P-OL4-A191-K87
DAMQ-7H2P-OL4-A191-K87
DAMU-7H2P-OL4-A191-K87
DAMX-7H2P-OL4-A191-K87
DAM-7H2P-OL4-A191-K87
DA
11W1
DAMT-11HP1P-OL4-A191-K87
DAMQ-11H1P-OL4-A191-K87
DAMU-11H1P-OL4-A191-K87
DAMX-11H1P-OL4-A191-K87
DAM-11H1P-OL4-A191-K87
DA
3W3
DAMT-3H3P-OL4-A191-K87
DAMQ-3H3P-OL4-A191-K87
DAMU-3H3P-OL4-A191-K87
DAMX-3H3P-OL4-A191-K87
DAM-3H3P-OL4-A191-K87
DA
3WK3
DAMT-3HK3P-OL4-A191-K87
DAMQ-3HK3P-OL4-A191-K87
DAMU-3PH3P-OL4-A191-K87
DAMX-3PH3P-OL4-A191-K87
DAM-3HK3P-OL4-A191-K87
DB
5W5
DBMT-5H5P-OL4-A191-K87
DBMQ-5H5P-OL4-A191-K87
DBMU-5H5P-1OL4-A191-K87
DBMX-5H5P-OL4-A191-K87
DBM-5H5P-OL4-A191-K87
DB
9W4
DBMT-9H4P-OL4-A191-K87
DBMQ-9H4P-OL4-A191-K87
DBMU-9H4P-OL4-A191-K87
DBMX-9H4P-OL4-A191-K87
DBM-9H4P-OL4-A191-K87
DB
13W3
DBMT-13H3P-1OL4-A191-K87
DBMQ-13H3P-OL4-A191-K87
DBMU-13H3P-OL4-A191-K87
DBMX-13H3P-OL4-A191-K87
DBM-13H3P-OL4-A191-K87
DB
17W2
DBMT-17HSP-OL4-A191-K87
DBMQ-17HSP-OL4-A191-K87
DBMU-17HSP-OL4-A191-K87
DBMX-17HSP-OL4-A191-K87
DBM-17HSP-OL4-A191-K87
DB
21W1
DBMT-21H1P-OL4-A191-K87
DBMQ-21H1P-OL4-A191-K87
DBMU-21H1P-OL4-A191-K87
DBMX-21H1P-OL4-A191-K87
DBM-21H1P-OL4-A191-K87
DC
W8
DCMT-8H8P-OL4-A191-K87
DCMQ-8H8P-OL4-A191-K87
DCMU-8H8P-OL4-A191-K87
DCMX-8H8P-OL4-A191-K87
DCM-8H8P-OL4-A191-K87
DC
13W6
DCMT-13H6P-OL4-A191-K87
DCMQ-13H6P-OL4-A191-K87
DCMU-13H6P-OL4-A191-K87
DCMX-13H6P-OL4-A191-K87
DCM-13H6P-OL4-A191-K87
DC
17W5
DCMT-17H5P-OL4-A191-K87
DCMQ-17H5P-OL4-A191-K87
DCMU-17H5P-OL4-A191-K87
DCMX-17H5P-OL4-A191-K87
DCM-17H5P-OL4-A191-K87
DC
21WA4
DCMT-21HA4P-OL4-A191-K87
DCMQ-21HA4P-OL4-A191-K87
DCMU-21HA4P-OL4-A191-K87
DCMX-21HA4P-OL4-A191-K87
DCM-21HA4P-OL4-A191-K87
DC
25W3
DCMT-25H3P-1OL4-A191-K87
DCMQ-25H3P-OL4-A191-K87
DCMU-25H3P-OL4-A191-K87
DCMX-25H3P-OL4-A191-K87
DCM-25H3P-OL4-A191-K87
DC
27W2
DCMT-27H2P-OL4-A191--K87
DCMQ-27H2P-OL4-A191-K87
DCMU-27H2P-OL4-A191-K87
DCMX-27H2P-OL4-A191-K87
DCM-27H2-OL4-A191-K87
For performance class 1 replaceA191 withA190.
For 4-40 UNC thread standoff with pushfit replace Q with Z.
For performance class 3 deleteA191.
For captive nut 4-40 NC replace X with E.
Dimensions
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (.008)
± 0,40 (.016)
DE
30,81(1.213)
16,90(.665)
25,0 (.984)
8,35 (.329)
12,55(.494)
10,70(.421)
6,70(.264)
0,8 (.031)
DA
39,15(1.541)
24,25(.994)
33,3 (1.311)
8,35 (.329)
12,55(.494)
10,70(.421)
6,70(.264)
0,8 (.031)
DB
53,05(2.088)
38,95(1.533)
47,05 (1.852)
8,35 (.329)
12,55(.494)
10,80(.425)
6,80(.268)
0,9 (.031)
DC
69,3 (2.089)
55,4 (2.181)
63,50 (2,500)
8,35 (.329)
12,55(.494)
10,80(.425)
6,80(.268)
0,9 (.031)
Pin
•Forcontactcavityarrangements,seepage61.
•Forpcbholepattern,seepages92-94.
•Formountingmethods,seepages59-60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com