Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBM13X3P-JNMB Datasheet(PDF) 18 Page - ITT Industries

Part # DBM13X3P-JNMB
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM13X3P-JNMB Datasheet(HTML) 18 Page - ITT Industries

Back Button DBM13X3P-JNMB Datasheet HTML 14Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 15Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 16Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 17Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 18Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 19Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 20Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 21Page - ITT Industries DBM13X3P-JNMB Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
18
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Coax Straight PCB Receptacle DE-DD
Coaxial straight- European solder socket, sizes DE – DD
75 Ohm* coax inserted with straight contacts
Shell
Layout
with standoff M3
with standoff M3 with
standoff, M3 post and
with M3 clinch nut
with through hole 3,05 mm
pushfit
pushfit
DE 2W2 DEMT-2C2S-OL4-A191-A197 DEMQ-2C2S-OL4-A191-A197 DEMU-2C2S-OL4-A191-A197 DEMX-2C2S-OL4-A191-A197 DEM-2C2S-OL4-A191-A197
DE 2WK2 DEMT-2CK2S-OL4-A191-A197 DEMQ-2CK2S-OL4-A191-A197 DEMU-2CK2S-OL4-A191-A197 DEMX-2CK2S-OL4-A191-A197 DEM-2CK2S-OL4-A191-A197
DE 5W1 DEMT-5C1S-OL4-A191-A197 DEMQ-5C1S-OL4-A191-A197 DEMU-5C1S-OL4-A191-A197 DEMX-5C1S-OL4-A191-A197 DEM-5C1S-OL4-A191-A197
DA 7W2 DAMT-7C2S-OL4-A191-A197 DAMQ-7C2S-OL4-A191-A197 DAMU-7C2S-OL4-A191-A197 DAMX-7C2S-OL4-A191-A197 DAM-7C2S-OL4-A191-A197
DA 11W1 DAMT-11C1S-OL4-A191-A197 DAMQ-11C1S-OL4-A191-A197 DAMU-11C1S-OL4-A191-A197 DAMX-11C1S-OL4-A191-A197 DAM-11C1S-OL4-A191-A197
DA 3W3 DAMT-3C3S-OL4-A191-A197 DAMQ-3C3S-OL4-A191-A197 DAMU-3C3S-OL4-A191-A197 DAMX-3C3S-OL4-A191-A197 DAM-3C3S-OL4-A191-A197
DA 3WK3 DAMT-3CK3S-OL4-A191-A197 DAMQ-3CK3S-OL4-A191-A197 DAMU-3CK3S-OL4-A191-A197 DAMX-3CK3S-OL4-A191-A197 DAM-3CK3S-OL4-A191-A197
DB 5W5 DBMT-5C5S-OL4-A191-A197 DBMQ-5C5S-OL4-A191-A197 DBMU-5C5S-OL4-A191-A197 DBMX-5C5S-OL4-A191-A197 DBM-5C5S-OL4-A191-A197
DB 9W4 DBMT-9C4S-OL4-A191-A197 DBMQ-9C4S-OL4-A191-A197 DBMU-9C4S-OL4-A191A197 DBMX-9C4S-OL4-A191-A197 DBM-9C4S-OL4-A191-A197
DB 13W3 DBMT-13C3S-OL4-A191-A197 DBMQ-3C3S-OL4-A191-A197 DBMU-13C3S-OL4-A191-A197 DBMX-13C3S-OL4-A191-A197 DBM-13C3S-OL4-A191-A197
DB 17W2 DBMT-17C2S-OL4-A191-A197 DBMQ-17C2S-OL4-A191-A197 DBMU-17C2S-OL4-A191-A197 DBMX-17C2S-OL4-A191-A197 DBM-17C2S-OL4-A191-A197
DB 21W1 DBMT-21C1S-OL4-A191-A197 DBMQ-21C1S-OL4-A191-A197 DBMU-21C1S-OL4-A191-A197 DBMX-21C1S-OL4-A191-A197 DBM-21C1S-OL4-A191-A197
DC 8W8 DCMT-8C8S-OL4-A191-A197 DCMQ-8C8S-OL4-A191-A197 DCMU-8C8S-OL4-A191-A197 DCMX-8C8S-OL4-A191-A197 DCM-8C8S-OL4-A191-A197
DC 13W6 DCMT-13C6S-OL4-A191-A197 DCMQ-13C6S-OL4-A191-A197 DCMU-13C6S-OL4-A191-A197 DCMX-13C6S-OL4-A191-A197 DCM-13C6S-OL4-A191-A197
DC 17W5 DCMT-17C5S-OL4-A191-A197 DCMQ-17C5S-OL4-A191-A197 DCMU-17C5S-OL4-A191-A197 DCMX-17C5S-OL4-A191-A197 DCM-17C5S-OL4-A191-A197
DC 21WA4 DCMT-21CA4S-OL4-A191-A197 DCMQ-21CA4S-OL4-A191-A197 DCMU-21CA4S-OL4-A191-A197 DCMX-21CA4S-OL4-A191-A197 DCM-21CA4S-OL4-A191-A197
DC 25W3 DCMT-25C3S-OL4-A191-A197 DCMQ-25C3S-OL4-A191-A197 DCMU-25C3S-OL4-A191-A197 DCMX-25C3S-OL4-A191-A197 DCM-25C3S-OL4-A191-A197
DC 27W2 DCMT-27C2S-OL4-A191-A197 DCMQ-27C2S-OL4-A191-A197 DCMU-27C2S-OL4-A191-A197 DCMX-27C2S-OL4-A191-A197 DCM-27C2S-OL4-A191-A197
DD 24W7 DDMT-24C7S-OL4-A191-A197 DDMQ-24C7S-OL4-A191-A197 DDMU-24C7S-OL4-A191-A197 DDMX-24C7S-OL4-A191-A197 DDM-24C7S-OL4-A191-A197
DD 36W4 DDMT-36C4S-OL4-A191A197 DDMQ-36C4S-OL4-A191-A197 DDMU-36C4S-OL4-A191-A197 DDMX-36C4S-OL4-A191-A197 DDM-36C4S-OL4-A191-A197
DD 43W2 DDMT-43C2S-OL4-A191-A197 DDMQ-43C2S-OL4-A191-A197 DDMU-43C2S-OL4-A191-A197 DDMX-43C2S-OL4-A191-A197 DDM-43C2S-OL4-A191-A197
DD 47W1 DDMT-47C1S-OL4-A191-A197 DDMQ-47C1S-OL4-A191-A197 DDMU-47C1S-OL4-A191-A197 DDMX-47C1S-OL4-A191-A197 DDM-47C1S-OL4-A191A197
Forperformanceclass1replaceA191wtihA190.
For50ohmcoaxialreplaceCwithX,Example:
For3,0mmpushfitpleaseadd-142modifier;
For Performance class 3 deleteA191.
DCM-13C6S-A191-A197-146 becomes
For 3,2 mm pushfit please add -162 modifier.
DCM-13X6S-A191-A197-146.
Shell
A
B
C
D
E
F
L
W
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (008)
± 0,41 (.016)
DE
30,8 (1.213)
16,35(.644)
25 (.984)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DA
39,15(1.541)
24,65(.970)
33,3 (1.311)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DB
53,05(2.089)
38,4 (1.512)
47,05(1.852)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DC
69,3 (2.089)
55,85(2.159)
63,50(2,500)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DD
66,95(2.636)
52,4 (2.063)
61,11(2,406) 10,75(.423)
15,4 (.606)
10,90(.429)
0,8 (.031)
6,95(.274)
Dimensions
Receptacle
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepages79-81.
•Formountingmethods,seepags59-60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com